Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1117 Datasheet (PDF) - Silan Microelectronics Joint-stock

SA1117 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SA1117
Download  SA1117 Download
File Size   303.48 Kbytes
Page   12 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 1A LDO VOLTAGE REGULATOR

SA1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA1117 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SA1117
Download  SA1117 Click to download

File Size   303.48 Kbytes
Page   12 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 1A LDO VOLTAGE REGULATOR

SA1117 Datasheet (HTML) - Silan Microelectronics Joint-stock


SA1117 Product details

DESCRIPTION
The  SA1117  is  a  positive  low  voltage  dropout  regulator,  voltage dropout is only 1.2V at 1A.
SA1117  has  two  versions:  the  fixed  version  and  the  adjustable version.  VOUT  has  a  tolerance  of less  than  1% for fixed  versions 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and adjustable version or 2% output
accuracy for fixed version 1.2V. The  SA1117  integrates  overheating  protection  and  current  limit circuits. It is an suitable for all electronic products.

FEATURES
* 1% accuracy  for fixed  output VOUT while the voltage is 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and the adjustable output VOUT
* 2% output accuracy  for fixed version 1.2V
* Low Dropout Voltage: 1.2V at 1A output current
* Current Limiting
* Thermal Shutdown
* Temperature Range: -40°C to  125°C

APPLICATIONS
* Laptop, Palmtop, and Notebook Computers
* Battery  Charger
* SCSI-|| Active Terminator
* Cellular Phone
* Cordless Telephones
* Battery Powered Systems
* Portable Devices
* SMPS Post-Regulator
   




Similar Part No. - SA1117

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
800mA LDO VOLTAGE REGULATOR
SA1117BH-ADJ SILAN-SA1117BH-ADJ Datasheet
215Kb / 8P
800mA LDO VOLTAGE REGULATOR
More results


Similar Description - SA1117

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37100 MICREL-MIC37100 Datasheet
163Kb / 15P
1A LOW VOLTAGE U CAP LDO REGULATOR
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
1A LDO Voltage Regulator with ?쏥reenOperation?
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
Bipolar 1A LDO Voltage regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Microchip Technology
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
Bipolar 1A LDO voltage regulator
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
1A Adjustable & Fixed Voltage LDO Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com