Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1117B Datasheet (PDF) - Silan Microelectronics Joint-stock

SA1117B Datasheet PDF - Silan Microelectronics Joint-stock
Part # SA1117B
Download  SA1117B Download
File Size   215.01 Kbytes
Page   8 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 800mA LDO VOLTAGE REGULATOR

SA1117B Datasheet (PDF)

Go To PDF Page Download Datasheet
SA1117B Datasheet PDF - Silan Microelectronics Joint-stock

Part # SA1117B
Download  SA1117B Click to download

File Size   215.01 Kbytes
Page   8 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 800mA LDO VOLTAGE REGULATOR

SA1117B Datasheet (HTML) - Silan Microelectronics Joint-stock


SA1117B Product details

DESCRIPTION

The SA1117B is a positive low voltage dropout regulator; voltage dropout is only 1.2V at 800mA.

SA1117B  provides  two  versions:  fixed  and  adjustable  versions. VOUT  has  a  tolerance  of  less  than  1.5%  for  fixed  versions  1.5V, 1.8V,  2.5V,  3.3V,  5.0V  and  adjustable  version  or  2%  output accuracy for fixed version 1.2V.

The SA1117B offers some key features include thermal shutdown and current limiting. It is suitable for all electronic products.



FEATURES

* 1.5% output accuracy  for fixed versions 1.5V, 1.8V, 2.5V,3.3V, 5.0V and adjustable version

*  2% output accuracy  for fixed version 1.2V

*  Low Dropout Voltage: 1.2V at 800mA output current

* Current Limiting

* Thermal Shutdown

* Temperature Range: -40°C to  125°C




Similar Part No. - SA1117B

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
1A LDO VOLTAGE REGULATOR
More results


Similar Description - SA1117B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170X RICOH-R1170X Datasheet
261Kb / 16P
800mA LDO REGULATOR????
Rev. 1.10
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
CMOS 800mA LDO voltage regulator
logo
Unisonic Technologies
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
800MA LDO REGULATOR
LR9270 UTC-LR9270 Datasheet
199Kb / 7P
800mA LDO REGULATOR
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
CMOS 600mA/800mA LDO voltage regulator
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
800mA LDO REGULATOR
April 1, 2012
logo
ELM Technology Corporat...
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
CMOS 600mA/800mA LDO voltage regulator
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
800mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com