Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPDCC0017 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPDCC0017 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPDCC0017
Download  MAPDCC0017 Download
File Size   88.81 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Six-Way SMT Power Divider 824 - 960 MHz

MAPDCC0017 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPDCC0017 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0017
Download  MAPDCC0017 Click to download

File Size   88.81 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Six-Way SMT Power Divider 824 - 960 MHz

MAPDCC0017 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAPDCC0017 Product details

Description
M/A-COM’s MAPDCC0017 is an IC-based monolithic power divider in a low cost SOW-16 plastic package. This 6-way power divider is ideally suited for applications where PCB real estate is at a premium and part count reduction and cost are critical. Typical applications include base station switching networks and other cellular equipment, including subscriber units. Available in tape and reel.

Features
• Small Size, Low Profile
• Superior Repeatability (Lot-to-lot Variation)
• Industry Standard SOW-16 SMT Plastic Package
• Typical Isolation: 25 dB
• Typical Insertion Loss: 0.3 dB
• Low Cost
• 1 Watt Power Handling
• Lead-Free SOW-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DS56-0001




Similar Part No. - MAPDCC0017

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0017 MA-COM-MAPDCC0017 Datasheet
88Kb / 3P
Low Cost Six-Way SMT Power Divider
MAPDCC0017 MA-COM-MAPDCC0017 Datasheet
498Kb / 4P
Low Cost Six-Way SMT Power Divider
MAPDCC0017-TB MA-COM-MAPDCC0017-TB Datasheet
498Kb / 4P
Low Cost Six-Way SMT Power Divider
MAPDCC0017-TR MA-COM-MAPDCC0017-TR Datasheet
498Kb / 4P
Low Cost Six-Way SMT Power Divider
MAPDCC0017 MA-COM-MAPDCC0017_15 Datasheet
498Kb / 4P
Low Cost Six-Way SMT Power Divider
More results


Similar Description - MAPDCC0017

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS52-0001 MACOM-DS52-0001 Datasheet
185Kb / 2P
Low Cost Two-Way SMT Power Divider 824-960 MHz
DS56-0001 MACOM-DS56-0001 Datasheet
113Kb / 2P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
DS56-0005 MACOM-DS56-0005 Datasheet
38Kb / 2P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0001 MA-COM-DS52-0001 Datasheet
116Kb / 4P
Low Cost Two-Way SMT Power Divider 824-960 MHz
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS56-0001 MA-COM-DS56-0001 Datasheet
88Kb / 4P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
DS56-0005 MA-COM-DS56-0005 Datasheet
85Kb / 4P
Low Cost Six-Way Power Divider 824 - 960 MHz
MAPDCC0001 MA-COM-MAPDCC0001 Datasheet
115Kb / 4P
Low Cost Two-Way SMT Power Divider 824-960 MHz
MAPDCC0019 MA-COM-MAPDCC0019 Datasheet
81Kb / 4P
Low Cost Six-Way Power Divider 824 - 960 MHz Rev. V2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com