Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS56-0005 Datasheet (PDF) - Tyco Electronics

DS56-0005 Datasheet PDF - Tyco Electronics
Part # DS56-0005
Download  DS56-0005 Download
File Size   38.53 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost Six-Way SMT Power Divider 824 - 960 MHz

DS56-0005 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS56-0005 Datasheet PDF - Tyco Electronics

Part # DS56-0005
Download  DS56-0005 Click to download

File Size   38.53 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost Six-Way SMT Power Divider 824 - 960 MHz

DS56-0005 Datasheet (HTML) - Tyco Electronics


DS56-0005 Product details

Description

M/A-COM’s DS56-0005 is an IC-based monolithic power divider in a low cost SOIC-16 plastic package. This 6-way power divider is ideally suited for applications where PCB real estate is at a premium and part count reduction and cost are critical. Typical applications include base station switching networks and other cellular equipment, including subscriber units. Available in Tape and Reel.

The DS56-0005 is fabricated using a passive-integrated circuit process. The process features full-chip passivation for increased performance and reliabilty.



Features

• Small Size, Low Profile

• Superior Repeatability (Lot-to-lot Variation)

• Industry Standard SOIC-16 SMT Plastic Package

• Typical Isolation 25dB

• Typical Insertion Loss 0.8dB

• Low Cost



 




Similar Part No. - DS56-0005

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS56-0005 MA-COM-DS56-0005 Datasheet
85Kb / 4P
Low Cost Six-Way Power Divider 824 - 960 MHz
DS56-0005-TR MA-COM-DS56-0005-TR Datasheet
85Kb / 4P
Low Cost Six-Way Power Divider 824 - 960 MHz
More results


Similar Description - DS56-0005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS52-0001 MACOM-DS52-0001 Datasheet
185Kb / 2P
Low Cost Two-Way SMT Power Divider 824-960 MHz
DS56-0001 MACOM-DS56-0001 Datasheet
113Kb / 2P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0001 MA-COM-DS52-0001 Datasheet
116Kb / 4P
Low Cost Two-Way SMT Power Divider 824-960 MHz
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS56-0001 MA-COM-DS56-0001 Datasheet
88Kb / 4P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
DS56-0005 MA-COM-DS56-0005 Datasheet
85Kb / 4P
Low Cost Six-Way Power Divider 824 - 960 MHz
MAPDCC0001 MA-COM-MAPDCC0001 Datasheet
115Kb / 4P
Low Cost Two-Way SMT Power Divider 824-960 MHz
MAPDCC0017 MA-COM-MAPDCC0017 Datasheet
88Kb / 3P
Low Cost Six-Way SMT Power Divider 824 - 960 MHz
MAPDCC0019 MA-COM-MAPDCC0019 Datasheet
81Kb / 4P
Low Cost Six-Way Power Divider 824 - 960 MHz Rev. V2
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com