Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2266 Datasheet (PDF) - Toshiba Semiconductor

2SK2266 Datasheet PDF - Toshiba Semiconductor
Part # 2SK2266
Download  2SK2266 Download
File Size   288.03 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SK2266 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2266 Datasheet PDF - Toshiba Semiconductor

Part # 2SK2266
Download  2SK2266 Click to download

File Size   288.03 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SK2266 Datasheet (HTML) - Toshiba Semiconductor


2SK2266 Product details

Chopper Regulator, DC–DC Converter and Motor Drive



Applications

 4 V gate drive

 Low drain−source ON resistance : RDS (ON) = 22 mΩ (typ.)

 High forward transfer admittance : |Yfs| = 27 S (typ.)

 Low leakage current : IDSS = 100 µA (max) (VDS = 60 V)

 Enhancement−mode : Vth = 0.8~2.0 V (VDS = 10 V, ID = 1 mA)



 




Similar Part No. - 2SK2266

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2266 TOSHIBA-2SK2266 Datasheet
771Kb / 6P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2266 TOSHIBA-2SK2266 Datasheet
441Kb / 6P
Chopper Regulator, DC- DC Converter and Motor Drive
2SK2266 TOSHIBA-2SK2266 Datasheet
284Kb / 5P
HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR
2SK2266 TOSHIBA-2SK2266 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK2266-262 ISC-2SK2266-262 Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK2266

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2233 TOSHIBA-2SK2233 Datasheet
286Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2274 TOSHIBA-2SK2274 Datasheet
258Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2350 TOSHIBA-2SK2350 Datasheet
286Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2382 TOSHIBA-2SK2382 Datasheet
283Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2391 TOSHIBA-2SK2391 Datasheet
289Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2399 TOSHIBA-2SK2399 Datasheet
292Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2551 TOSHIBA-2SK2551 Datasheet
280Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2603 TOSHIBA-2SK2603 Datasheet
289Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2614 TOSHIBA-2SK2614 Datasheet
132Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2750 TOSHIBA-2SK2750 Datasheet
278Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com