Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2750 Datasheet (PDF) - Toshiba Semiconductor

2SK2750 Datasheet PDF - Toshiba Semiconductor
Part # 2SK2750
Download  2SK2750 Download
File Size   278.18 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SK2750 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2750 Datasheet PDF - Toshiba Semiconductor

Part # 2SK2750
Download  2SK2750 Click to download

File Size   278.18 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SK2750 Datasheet (HTML) - Toshiba Semiconductor


2SK2750 Product details

Chopper Regulator, DC−DC Converter and Motor Drive Applications



Low drain−source ON resistance  : RDS (ON)= 1.7 Ω(typ.)

High forward transfer admittance  : |Yfs| = 3.0 S (typ.)

Low leakage current  : IDSS= 100 µA (max) (VDS= 600 V)

Enhancement−mode : Vth= 2.0~4.0 V (VDS= 10 V, ID= 1mA)






Similar Part No. - 2SK2750

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2750 TOSHIBA-2SK2750 Datasheet
656Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK2750 ISC-2SK2750 Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2750 TOSHIBA-2SK2750_06 Datasheet
656Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results


Similar Description - 2SK2750

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2233 TOSHIBA-2SK2233 Datasheet
286Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2266 TOSHIBA-2SK2266 Datasheet
288Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2274 TOSHIBA-2SK2274 Datasheet
258Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2350 TOSHIBA-2SK2350 Datasheet
286Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2382 TOSHIBA-2SK2382 Datasheet
283Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2391 TOSHIBA-2SK2391 Datasheet
289Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2399 TOSHIBA-2SK2399 Datasheet
292Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2551 TOSHIBA-2SK2551 Datasheet
280Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2603 TOSHIBA-2SK2603 Datasheet
289Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2614 TOSHIBA-2SK2614 Datasheet
132Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com