Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK880 Datasheet (PDF) - Toshiba Semiconductor

2SK880 Datasheet PDF - Toshiba Semiconductor
Part # 2SK880
Download  2SK880 Download
File Size   198.6 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description M CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)

2SK880 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK880 Datasheet PDF - Toshiba Semiconductor

Part # 2SK880
Download  2SK880 Click to download

File Size   198.6 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description M CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)

2SK880 Datasheet (HTML) - Toshiba Semiconductor


2SK880 Product details

Audio Frequency Low Noise Amplifier Applications

• High |Yfs|: |Yfs| = 15 mS (typ.) at VDS = 10 V, VGS = 0
• High breakdown voltage: VGDS = −50 V
• Low noise:
   NF = 1.0dB (typ.)
   at VDS = 10 V, ID = 0.5 mA, f = 1 kHz, RG = 1 kΩ
• High input impedance: IGSS = −1 nA (max) at VGS = −30 V
• Small package




Similar Part No. - 2SK880

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK880 TOSHIBA-2SK880 Datasheet
584Kb / 4P
Silicon N Channel Junction Type Audio Frequency Low Noise Amplifier Applications
2SK880 TOSHIBA-2SK880 Datasheet
300Kb / 4P
Audio Frequency Low Noise Amplifier Applications
2SK880-GR TOSHIBA-2SK880-GR Datasheet
300Kb / 4P
Audio Frequency Low Noise Amplifier Applications
2SK880 TOSHIBA-2SK880_07 Datasheet
584Kb / 4P
Silicon N Channel Junction Type Audio Frequency Low Noise Amplifier Applications
More results


Similar Description - 2SK880

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ108 TOSHIBA-2SJ108 Datasheet
222Kb / 4P
P CHANNEL JUNCTION TYPE (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SJ74 TOSHIBA-2SJ74 Datasheet
213Kb / 5P
P CHANNEL JUNCTION TYPE (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK184 TOSHIBA-2SK184 Datasheet
200Kb / 3P
N CHANNEL JUNCTION TYPE (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK209 TOSHIBA-2SK209 Datasheet
196Kb / 3P
N CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SK2145 TOSHIBA-2SK2145 Datasheet
208Kb / 3P
N CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SK370 TOSHIBA-2SK370 Datasheet
221Kb / 4P
N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK880 TOSHIBA-2SK880_07 Datasheet
584Kb / 4P
Silicon N Channel Junction Type Audio Frequency Low Noise Amplifier Applications
2SK2145 TOSHIBA-2SK2145_07 Datasheet
588Kb / 5P
N CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SK117 TOSHIBA-2SK117_07 Datasheet
579Kb / 4P
Silicon N Channel Junction Type Low Noise Audio Amplifier Applications
2SK209 TOSHIBA-2SK209_07 Datasheet
553Kb / 4P
Silicon N Channel Junction Type Audio Frequency Low Noise Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com