Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK880 Datasheet (PDF) - Toshiba Semiconductor

2SK880 Datasheet PDF - Toshiba Semiconductor
Part # 2SK880
Download  2SK880 Download
File Size   300.66 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency Low Noise Amplifier Applications

2SK880 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK880 Datasheet PDF - Toshiba Semiconductor

Part # 2SK880
Download  2SK880 Click to download

File Size   300.66 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency Low Noise Amplifier Applications

2SK880 Datasheet (HTML) - Toshiba Semiconductor


2SK880 Product details

Audio Frequency Low Noise Amplifier Applications

• High |Yfs|: |Yfs| = 15 mS (typ.) at VDS = 10 V, VGS = 0
• High breakdown voltage: VGDS = −50 V
• Low noise:
   NF = 1.0dB (typ.)
   at VDS = 10 V, ID = 0.5 mA, f = 1 kHz, RG = 1 kΩ
• High input impedance: IGSS = −1 nA (max) at VGS = −30 V
• Small package




Similar Part No. - 2SK880

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK880 TOSHIBA-2SK880 Datasheet
198Kb / 3P
M CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SK880 TOSHIBA-2SK880 Datasheet
584Kb / 4P
Silicon N Channel Junction Type Audio Frequency Low Noise Amplifier Applications
2SK880 TOSHIBA-2SK880_07 Datasheet
584Kb / 4P
Silicon N Channel Junction Type Audio Frequency Low Noise Amplifier Applications
More results


Similar Description - 2SK880

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
110Kb / 3P
Audio Frequency Amplifier Applications Low Noise Amplifier Applications
2SA1312 TOSHIBA-2SA1312_07 Datasheet
622Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SA1312-BL TOSHIBA-2SA1312-BL Datasheet
314Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SC3324-BL TOSHIBA-2SC3324-BL Datasheet
277Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SK2145-GR TOSHIBA-2SK2145-GR Datasheet
308Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SA1312BL TOSHIBA-2SA1312BL Datasheet
314Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SK209-BL TOSHIBA-2SK209-BL Datasheet
287Kb / 4P
Audio Frequency Low Noise Amplifier Applications
2SK209-Y TOSHIBA-2SK209-Y Datasheet
287Kb / 4P
Audio Frequency Low Noise Amplifier Applications
2SC3324-GR TOSHIBA-2SC3324-GR Datasheet
277Kb / 5P
Audio Frequency Low Noise Amplifier Applications
2SA1312-GR TOSHIBA-2SA1312-GR Datasheet
314Kb / 5P
Audio Frequency Low Noise Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com