Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30J322 Datasheet (PDF) - Toshiba Semiconductor

30J322 Datasheet PDF - Toshiba Semiconductor
Part # 30J322
Download  30J322 Download
File Size   257.08 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE ( THE 4TH GENERATION CURRENT RESONANCE INVERTER SWITCHING APPLICATIONS)

30J322 Datasheet (PDF)

Go To PDF Page Download Datasheet
30J322 Datasheet PDF - Toshiba Semiconductor

Part # 30J322
Download  30J322 Click to download

File Size   257.08 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE ( THE 4TH GENERATION CURRENT RESONANCE INVERTER SWITCHING APPLICATIONS)

30J322 Datasheet (HTML) - Toshiba Semiconductor


30J322 Product details

Discrete IGBTs (PDF:875KB) 03/2011 :
http://toshiba.semicon-storage.com/info/docget.jsp?did=7429

* GT30G124

- Breakdown Voltage VCES(V) @Ta = 25C  :  430V

- IGBT Current Rating IC(A) @Ta = 25C : 200A



* GT30J124

- Breakdown Voltage VCES(V) @Ta = 25C  :  600V

- IGBT Current Rating IC(A) @Ta = 25C : 200A

Applications and Features : Plasma display panels




Similar Part No. - 30J322

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
30J301 TOSHIBA-30J301 Datasheet
329Kb / 6P
N CHANNEL IGBT(HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
22-Aug-1997
30J311 TOSHIBA-30J311 Datasheet
328Kb / 6P
N CHANNEL IGBT(HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
22-Aug-1997
logo
Ohmite Mfg. Co.
30J33R OHMITE-30J33R Datasheet
236Kb / 3P
High Energy Wirewound
More results


Similar Description - 30J322

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2038 TOSHIBA-2SK2038 Datasheet
198Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS)
GT50J322 TOSHIBA-GT50J322 Datasheet
254Kb / 5P
N CHANNEL MOS TYPE (THE 4TH CENERATION CURRENT RESONACE INVERTER SWITHCING APPLICATIONS)
17-Nov-1998
GT60J321 TOSHIBA-GT60J321 Datasheet
183Kb / 6P
The 4th Generation Soft Switching Applications
GT60J322 TOSHIBA-GT60J322 Datasheet
277Kb / 6P
The 4th Generation Soft Switching Applications
18-Jan-2002
GT30J122 TOSHIBA-GT30J122 Datasheet
498Kb / 6P
4TH GENERATION IGBT CURRENT RESONANCE INVERTER SWITCHING
01-Nov-2006
GT40T301 TOSHIBA-GT40T301_06 Datasheet
166Kb / 6P
Silicon N Channel IGBT Parallel Resonance Inverter Switching Applications
GT50J122 TOSHIBA-GT50J122 Datasheet
160Kb / 6P
Current Resonance Inverter Switching Application
GT60J323H TOSHIBA-GT60J323H Datasheet
182Kb / 6P
Current Resonance Inverter Switching Application
GT35J321 TOSHIBA-GT35J321 Datasheet
290Kb / 6P
Fourth-generation IGBT Current Resonance Inverter Switching Applications
GT50J328 TOSHIBA-GT50J328 Datasheet
232Kb / 6P
Current Resonance Inverter Switching Application Fourth Generation IGBT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com