Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM1112 Datasheet (PDF) - Gamma Microelectronics Inc.

GM1112 Datasheet PDF - Gamma Microelectronics Inc.
Part # GM1112
Download  GM1112 Download
File Size   81.83 Kbytes
Page   8 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 1A LOW DROPOUT PRECISION VOLTAGE REGULATOR

GM1112 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM1112 Datasheet PDF - Gamma Microelectronics Inc.

Part # GM1112
Download  GM1112 Click to download

File Size   81.83 Kbytes
Page   8 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 1A LOW DROPOUT PRECISION VOLTAGE REGULATOR

GM1112 Datasheet (HTML) - Gamma Microelectronics Inc.


GM1112 Product details

Description
The GM1112 is a positive low dropout regulator and is available in an adjustable version and fixed output voltage at 1.2V. All internal circuitry is designed to operate down to 800mV input to output differential and the dropout voltage is fully specified as a function of load current. On chip trimming adjusts the reference/output voltage to within ± 1%. Current limit is also trimmed in order to minimize the stress on both the regulator and the power source circuitry under overloaded conditions.

Features
◆ Fixed Output, 1.2V
◆ Output Current of 1.0A
◆ Dropout Voltage 1.3V max @ 1.0A
◆ Line Regulation 0.2% max.
◆ Load Regulation 0.4% max.
◆ Fast Transient Response
◆ Current Limit Protection
◆ Thermal Shutdown Protection

Application
    High Efficiency Linear Regulators
    Post Regulators for Switching Supplies
    Microprocessor Supply
    Battery Powered Equipment
    Reference Voltage Sources
    Hard Drive Controllers
    Battery Chargers
    Adjustable Power Supply




Similar Part No. - GM1112

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GM1116 GTM-GM1116 Datasheet
241Kb / 4P
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
2Mb / 1P
Adjustable Shunt Regulators
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM1117 GAMMA-GM1117 Datasheet
109Kb / 10P
1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5ST3R GAMMA-GM1117-1.5ST3R Datasheet
227Kb / 13P
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
More results


Similar Description - GM1112

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM1117S GAMMA-GM1117S Datasheet
215Kb / 15P
1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117 GAMMA-GM1117_1 Datasheet
109Kb / 10P
1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
1A Low-Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com