Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78P2352-IGT/F Datasheet (PDF) - Teridian Semiconductor Corporation

78P2352-IGT/F Datasheet PDF - Teridian Semiconductor Corporation
Part # 78P2352-IGT/F
Download  78P2352-IGT/F Download
File Size   760.76 Kbytes
Page   42 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Dual Channel OC-3/ STM1-E/ E4 LIU

78P2352-IGT/F Datasheet (PDF)

Go To PDF Page Download Datasheet
78P2352-IGT/F Datasheet PDF - Teridian Semiconductor Corporation

Part # 78P2352-IGT/F
Download  78P2352-IGT/F Click to download

File Size   760.76 Kbytes
Page   42 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Dual Channel OC-3/ STM1-E/ E4 LIU

78P2352-IGT/F Datasheet (HTML) - Teridian Semiconductor Corporation


78P2352-IGT/F Product details

DESCRIPTION

The 78P2352 is Teridian’s second generation Line Interface Unit (LIU) for 155 Mbps SDH/SONET (OC-3, STS-3, or STM-1) and 140 Mbps PDH (E4) telecom interfaces. The device is a dual channel,

single chip solution that includes an integrated CDR in the transmit path for flexible NRZ to CMI

conversion. The device can interface to 75Ω coaxial cable using CMI coding or directly to a fiber optics transceiver module using NRZ coding. The 78P2352 is compliant with all respective ANSI, ITU T, and Telcordia standards for jitter tolerance, generation, and transfer.



FEATURES

•  ITU-T G.703 compliant cable driver for 139.264 Mbps or 155.52 Mbps CMI-coded coax transmission

•  Integrated adaptive CMI equalizer and CDR in receive path handles over 12.7dB of cable loss

•  Serial, LVPECL system interface with integrated CRU in transmit path for flexible NRZ to CMI conversion.

•  4-bit parallel CMOS system interface with master and slave Tx clock modes.

•  Selectable LVPECL compatible NRZ media interface for 155.52 Mbps optical transmission.

•  Configurable via HW control pins or 4-wire serial port interface

•  Compliant with ANSI T1.105.03-1994; ITU-T G.751, G.813, G.823, G.825, G.958; and Telcordia GR-253-CORE for jitter performance.

•  Receiver Loss of Signal (LOS) detection compatible with ITU-T G.783

•  Operates from a single 3.3V supply

•  Standard and thermally enhanced 128-pin JEDEC LQFP package options




Similar Part No. - 78P2352-IGT/F

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2351 TERIDIAN-78P2351 Datasheet
742Kb / 42P
Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGT TERIDIAN-78P2351-IGT Datasheet
742Kb / 42P
Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGT/F TERIDIAN-78P2351-IGT/F Datasheet
742Kb / 42P
Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGTR TERIDIAN-78P2351-IGTR Datasheet
742Kb / 42P
Single Channel OC-3/ STM1-E/ E4 LIU
78P2351R TERIDIAN-78P2351R Datasheet
578Kb / 31P
Serial 155M NRZ to CMI Converter
More results


Similar Description - 78P2352-IGT/F

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89426 MICREL-SY89426 Datasheet
90Kb / 6P
SONET OC-12/OC-3 CLOCK SYNTHESIZER
logo
Dallas Semiconductor
DS2196 DALLAS-DS2196 Datasheet
734Kb / 157P
T1 Dual Framer LIU
logo
Applied Micro Circuits ...
S3031B AMCC-S3031B Datasheet
244Kb / 26P
E4/STM-1/OC-3 ATM TRANSCEIVER
logo
Source Photonics, Inc.
SP-03-MX-CDA SOURCE-SP-03-MX-CDA Datasheet
616Kb / 7P
OC-3 SFP Transceiver
logo
PCA ELECTRONICS INC.
EPR1621GE PCA-EPR1621GE Datasheet
25Kb / 1P
E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1622SE PCA-EPR1622SE Datasheet
41Kb / 1P
E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1624SE PCA-EPR1624SE Datasheet
39Kb / 1P
E4/STM-1 Dual Line Interface Transformer
logo
Teridian Semiconductor ...
78P2351 TERIDIAN-78P2351 Datasheet
742Kb / 42P
Single Channel OC-3/ STM1-E/ E4 LIU
logo
Micrel Semiconductor
SY89426 MICREL-SY89426_05 Datasheet
78Kb / 7P
SONET OC-12/OC-3 CLOCK SYNTHESIZER
logo
Maxim Integrated Produc...
DS2196 MAXIM-DS2196 Datasheet
739Kb / 157P
T1 Dual Framer LIU
093002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com