Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62383 Datasheet (PDF) - Toshiba Semiconductor

TD62383 Datasheet PDF - Toshiba Semiconductor
Part # TD62383
Download  TD62383 Download
File Size   188.62 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8CH LOW INPUT ACTIVE SINK DRIVER

TD62383 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62383 Datasheet PDF - Toshiba Semiconductor

Part # TD62383
Download  TD62383 Click to download

File Size   188.62 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8CH LOW INPUT ACTIVE SINK DRIVER

TD62383 Datasheet (HTML) - Toshiba Semiconductor


TD62383 Product details

8 ch Low Input Active Sink Driver



The TD62383P is non−inverting transistor array which is comprised of eight Low saturation output stages and PNP input stages.

This device is low level input active driver and is suitable for operation with TTL, 5 V CMOS and 5 V Microprocessor which have sink current output drivers.

Applications include relay, hammer, lamp and LED display drivers.



Features

• Low saturation output 0.4 V (max) @IOUT = 350 mA

• Output rating 10 V (min)/500 mA (max)

• Input compatible with TTL and 5 V CMOS

• Low level active inputs

• Standard supply voltage

• Output clamp diodes

• Package type: DIP20-pin



 




Similar Part No. - TD62383

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62380 TOSHIBA-TD62380 Datasheet
169Kb / 5P
8CH LOW SATURATION DARLINGTON SINK DRIVER
TD62380P TOSHIBA-TD62380P Datasheet
169Kb / 5P
8CH LOW SATURATION DARLINGTON SINK DRIVER
TD62381F TOSHIBA-TD62381F Datasheet
252Kb / 7P
8CH LOW SATURATION SINK DRIVER
TD62381FN TOSHIBA-TD62381FN Datasheet
202Kb / 5P
8CH LOW SATURATION SINK DRIVER
TD62381P TOSHIBA-TD62381P Datasheet
252Kb / 7P
8CH LOW SATURATION SINK DRIVER
More results


Similar Description - TD62383

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
AD62384AP TOSHIBA-AD62384AP Datasheet
266Kb / 7P
8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
AD62386AP TOSHIBA-AD62386AP Datasheet
328Kb / 8P
8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304AFN TOSHIBA-TD62304AFN Datasheet
228Kb / 6P
7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304FB TOSHIBA-TD62304FB Datasheet
230Kb / 6P
7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62381FN TOSHIBA-TD62381FN Datasheet
202Kb / 5P
8CH LOW SATURATION SINK DRIVER
TD62381P TOSHIBA-TD62381P Datasheet
252Kb / 7P
8CH LOW SATURATION SINK DRIVER
TD62382AFN TOSHIBA-TD62382AFN Datasheet
206Kb / 5P
8 LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62382AP TOSHIBA-TD62382AP Datasheet
245Kb / 7P
8CH LOW INPUT ACTIVE SINK DRIVER
TD62387AFN TOSHIBA-TD62387AFN Datasheet
259Kb / 7P
8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62382APG TOSHIBA-TD62382APG Datasheet
338Kb / 8P
8CH LOW INPUT ACTIVE SINK DRIVER
2005-03-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com