Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A3 Datasheet (PDF) - Jinan Jingheng (Group) Co.,Ltd

6A3 Datasheet PDF - Jinan Jingheng (Group) Co.,Ltd
Part # 6A3
Download  6A3 Download
File Size   72.73 Kbytes
Page   2 Pages
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd
Description GENERAL PURPOSE PLASTIC RECTIFIER

6A3 Datasheet (PDF)

Go To PDF Page Download Datasheet
6A3 Datasheet PDF - Jinan Jingheng (Group) Co.,Ltd

Part # 6A3
Download  6A3 Click to download

File Size   72.73 Kbytes
Page   2 Pages
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd
Description GENERAL PURPOSE PLASTIC RECTIFIER

6A3 Datasheet (HTML) - Jinan Jingheng (Group) Co.,Ltd


6A3 Product details

Reverse Voltage - 50 to 1000 Volts

Forward Current -6.0Amperes



FEATURES

• The plastic package carries Underwrites Laboratory

   Flammability Classification 94V-0

• High forward current capability

• High surge current capability

• Construction utilizes void-free molded plastic technique

• High temperature soldering guaranteed: 260°C/10 seconds at terminals 0.375"(9.5mm) lead length, 5 lbs, (2.3kg) tension

• Component in accordance to RoHs 2002/95/EC and WEEE 2002/96/EC



 




Similar Part No. - 6A3

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
6A3 KISEMICONDUCTOR-6A3 Datasheet
91Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Guangdong Huixin Electr...
6A3 HUIXIN-6A3 Datasheet
122Kb / 2P
6.0Amp Standard Silicon Rectifiers
logo
List of Unclassifed Man...
6A30 ETC-6A30 Datasheet
477Kb / 1P
SMD SMART PROTECTOR
logo
Kwang Myoung I.S. CO.,L...
6A3G KISEMICONDUCTOR-6A3G Datasheet
75Kb / 2P
GLASS PASSIVATED RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current -6.0Amperes
logo
Jinan Jingheng (Group) ...
6A3G JINANJINGHENG-6A3G Datasheet
63Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
More results


Similar Description - 6A3

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
General Purpose Plastic Rectifier
23-Feb-11
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
P600A VISHAY-P600A_15 Datasheet
80Kb / 5P
General Purpose Plastic Rectifier
13-Aug-13
logo
Shanghai Leiditech Elec...
1N5406G LEIDITECH-1N5406G Datasheet
385Kb / 2P
General Purpose Plastic Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com