Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ3131 Datasheet (PDF) - TriQuint Semiconductor

TQ3131 Datasheet PDF - TriQuint Semiconductor
Part # TQ3131
Download  TQ3131 Download
File Size   226.86 Kbytes
Page   16 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 3V Cellular Band CDMA/AMPS LNA IC

TQ3131 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQ3131 Datasheet PDF - TriQuint Semiconductor

Part # TQ3131
Download  TQ3131 Click to download

File Size   226.86 Kbytes
Page   16 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 3V Cellular Band CDMA/AMPS LNA IC

TQ3131 Datasheet (HTML) - TriQuint Semiconductor


TQ3131 Product details

Product Description
The TQ3131 is a 3V, RF LNA IC designed specifically for Cellular band CDMA/AMPS applications. It’s RF performance meets the requirements of products designed to the IS-95 and AMPS standards. The TQ3131 is designed to be used with the TQ5131 (CDMA/AMPS mixer) which provides a complete CDMA receiver for 800MHz dual-mode phones.

Features
◾ Small size: SOT23-8
◾ Single 3V operation
◾ Low-current operation
◾ Gain Select
◾ Mode Select
◾ High IP3 performance
◾ Few external components

Applications
◾ IS-95 CDMA Mobile Phones
◾ AMPS Mobile Phones
◾ Dual Mode CDMA Cellular applications
◾ 832-870MHz CDMA applications




Similar Part No. - TQ3131

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
Low Current, 3V Cellular Band CDMA/AMPS LNA IC
More results


Similar Description - TQ3131

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
logo
TriQuint Semiconductor
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
Low Current, 3V Cellular Band CDMA/AMPS LNA IC
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
3V PCS Band CDMA LNA IC
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
Low Current, 3V PCS Band CDMA LNA IC
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com