Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD4963N Datasheet (PDF) - ON Semiconductor

NTD4963N Datasheet PDF - ON Semiconductor
Part # NTD4963N
Download  NTD4963N Download
File Size   151.34 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 30 V, 44 A, Single N?묬hannel, DPAK/IPAK

NTD4963N Datasheet (PDF)

Go To PDF Page Download Datasheet
NTD4963N Datasheet PDF - ON Semiconductor

Part # NTD4963N
Download  NTD4963N Click to download

File Size   151.34 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 30 V, 44 A, Single N?묬hannel, DPAK/IPAK

NTD4963N Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTD4963N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NTD4963N ISC-NTD4963N Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
NTD4963N-1 ISC-NTD4963N-1 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
NTD4963N-1G VBSEMI-NTD4963N-1G Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
NTD4963N-35G VBSEMI-NTD4963N-35G Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
NTD4963NT4G BYCHIP-NTD4963NT4G Datasheet
1Mb / 4P
N-channel Advanced Mode Power MOSFET
v1.0
More results


Similar Description - NTD4963N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4809NH ONSEMI-NTD4809NH Datasheet
81Kb / 8P
Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
November, 2006 ??Rev. 1
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4813NH ONSEMI-NTD4813NH Datasheet
90Kb / 8P
Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
NTD4905N ONSEMI-NTD4905N Datasheet
148Kb / 8P
Power MOSFET 30 V, 67 A, Single N?묬hannel, DPAK/IPAK
June, 2009 ??Rev. 0
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com