Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVL-534TG Datasheet (PDF) - Unity Opto Technology

MVL-534TG Datasheet PDF - Unity Opto Technology
Part # MVL-534TG
Download  MVL-534TG Download
File Size   32.67 Kbytes
Page   2 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP

MVL-534TG Datasheet (PDF)

Go To PDF Page Download Datasheet
MVL-534TG Datasheet PDF - Unity Opto Technology

Part # MVL-534TG
Download  MVL-534TG Click to download

File Size   32.67 Kbytes
Page   2 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP

MVL-534TG Datasheet (HTML) - Unity Opto Technology


MVL-534TG Product details

Description
The MVL-534TG, a green source color device, is made with InGaN ( on SiC substrate) LED die. The package is T-1 3/4 (ф5mm) water clear plastic type.

Features
• High performance - 1.5mW (525nm)
• Superior SiC substrate technology
• Excellent chip to chip consistency
• High reliability

Applications
• Full color displays & moving message signs
• Solid state incandescent replacement bulbs
• High ambient panel indicators
• Color printers & scanners
• Medical & Analytical instruments




Similar Part No. - MVL-534TG

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-534B UOT-MVL-534B Datasheet
34Kb / 2P
T-1 3/4 ( f5mm) PACKAGE SOLID STATE LAMP
MVL-534BG UOT-MVL-534BG Datasheet
33Kb / 2P
T-1 3/4 ( f5mm) PACKAGE SOLID STATE LAMP
MVL-534BS UOT-MVL-534BS Datasheet
38Kb / 2P
T-1 3/4 ( f5mm) PACKAGE SOLID STATE LAMP
MVL-534BV UOT-MVL-534BV Datasheet
34Kb / 2P
T-1 3/4 ( f5mm) PACKAGE SOLID STATE LAMP
MVL-534SG UOT-MVL-534SG Datasheet
35Kb / 2P
T-1 3/4 ( f5mm) PACKAGE SOLID STATE LAMP
More results


Similar Description - MVL-534TG

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-564SG UOT-MVL-564SG Datasheet
45Kb / 2P
T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP PRELIMINARY
MVL-564TG UOT-MVL-564TG Datasheet
33Kb / 2P
T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP
MVL-584UW-S UOT-MVL-584UW-S Datasheet
31Kb / 2P
T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP
MVL-5A4SG UOT-MVL-5A4SG Datasheet
33Kb / 2P
T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP
MVL-5A4TG UOT-MVL-5A4TG Datasheet
34Kb / 2P
T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP
MVL-5C4TG UOT-MVL-5C4TG Datasheet
37Kb / 2P
T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP
logo
Kingbright Corporation
WP1503EC KINGBRIGHT-WP1503EC Datasheet
260Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7113ED KINGBRIGHT-WP7113ED Datasheet
261Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7113PGC KINGBRIGHT-WP7113PGC Datasheet
258Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7113NC KINGBRIGHT-WP7113NC Datasheet
261Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com