Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN16118 Datasheet (PDF) - Vaishali Semiconductor

VN16118 Datasheet PDF - Vaishali Semiconductor
Part # VN16118
Download  VN16118 Download
File Size   134.75 Kbytes
Page   10 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description Gigabit Ethernet Transceiver

VN16118 Datasheet (PDF)

Go To PDF Page Download Datasheet
VN16118 Datasheet PDF - Vaishali Semiconductor

Part # VN16118
Download  VN16118 Click to download

File Size   134.75 Kbytes
Page   10 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description Gigabit Ethernet Transceiver

VN16118 Datasheet (HTML) - Vaishali Semiconductor


VN16118 Product details

General Description
The VN16118 is a single chip,1.25 Gigabits per second Ethernet transceiver. It performs all the functions of the Physical Medium Attachment (PMA) portion of the Physical layer, as specified by the IEEE 802.3z Gigabit Ethernet standard. These functions include parallel-to-serial and serial-to-parallel conversion, clock generation, clock data recovery, and word synchronization. In addition, an internal loopback function is provided for system debugging.
   
Features
• IEEE 802.3z Gigabit Ethernet Compliant
• Supports 1.25 Gbps Using NRZ Coding over uncompensated twin-coax cable
• Fully integrated CMOS IC
• Low Power Consumption
• ESD rating >2000V (Human Body Model) or >200V (Machine Model)
• 5-Volt Input Tolerance
• Fully Compatible with HP HDMP-1636/HDMP-1646 and Vitesse VCS7135 transceivers
• Available in both 10 mm x 10 mm and 14 mm x 14 mm LQFP Packages
   
Applications
• Gigabit Ethernet Up-links
• High Speed Proprietary interface
• Backplane Serialization
• Bus Extender
   




Similar Part No. - VN16118

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
VN16-210-0014-X AMPHENOL-VN16-210-0014-X Datasheet
666Kb / 7P
amphenol-tuchel electronics gmbh
logo
Vaishali Semiconductor
VN16218 VAISH-VN16218 Datasheet
135Kb / 11P
2.5 Gigabit SERDES Transceiver
VN16218L2 VAISH-VN16218L2 Datasheet
135Kb / 11P
2.5 Gigabit SERDES Transceiver
logo
STMicroelectronics
VN16B STMICROELECTRONICS-VN16B Datasheet
185Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN16B STMICROELECTRONICS-VN16B Datasheet
209Kb / 14P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
More results


Similar Description - VN16118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
Gigabit Ethernet Transceiver Macrocell
March 2000
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
Quad Gigabit Ethernet Transceiver
July 2000
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
Gigabit Ethernet Transceiver Chip
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
GIGABIT ETHERNET TRANSCEIVER
logo
Texas Instruments
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
SERDES Gigabit Ethernet Transceiver
logo
Texas Instruments
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
1.25-GIGABIT ETHERNET TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com