Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN16218 Datasheet (PDF) - Vaishali Semiconductor

VN16218 Datasheet PDF - Vaishali Semiconductor
Part # VN16218
Download  VN16218 Download
File Size   135.18 Kbytes
Page   11 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description 2.5 Gigabit SERDES Transceiver

VN16218 Datasheet (PDF)

Go To PDF Page Download Datasheet
VN16218 Datasheet PDF - Vaishali Semiconductor

Part # VN16218
Download  VN16218 Click to download

File Size   135.18 Kbytes
Page   11 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description 2.5 Gigabit SERDES Transceiver

VN16218 Datasheet (HTML) - Vaishali Semiconductor


VN16218 Product details

General Description
The VN16218 is a low power single chip, 2.5GBd transceiver. It provides a 2.5GBd serial link interface in the physical layer and includes a Serialize/Deserialize (SERDES) capability. Other functions include clock generation, clock data recovery, and word synchronization. In addition, an internal loopback function is provided for system debugging.
   
Features
• 20-bit wide parallel Tx, Rx busses
• 20-bit LVTTL interface for transmit and
    receive data at 125 MHz
• 125 MHz complementary receive and
    byte clocks
• Low Power Consumption
• ESD rating >2000V (Human Body Model)
    or >200V (Machine Model)
• Parallel loopback mode
• Available in 14 mm x 14 mm
    LQFP package
• Differential PECL serial output
• I/O power supply 3.3V
• Core power supply 1.8 V
   
Applications
• Fast serial backplane transceiver
• High-speed point-to-point links
   




Similar Part No. - VN16218

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
VN16-210-0014-X AMPHENOL-VN16-210-0014-X Datasheet
666Kb / 7P
amphenol-tuchel electronics gmbh
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
VN16118L1 VAISH-VN16118L1 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
VN16118L2 VAISH-VN16118L2 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
logo
STMicroelectronics
VN16B STMICROELECTRONICS-VN16B Datasheet
185Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
More results


Similar Description - VN16218

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636A PERICOM-PI90SD1636A Datasheet
559Kb / 15P
SERDES Gigabit Ethernet Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
Gigabit Ethernet and Fibre Channel SerDes ICs
HDMP-2634 HP-HDMP-2634 Datasheet
258Kb / 23P
2.5/1.25 GBd Serdes Circuit
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
SERDES Gigabit Ethernet Transceiver
logo
Broadcom Corporation.
BCM5421SA2KPF BOARDCOM-BCM5421SA2KPF Datasheet
134Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER WITH SERDES
logo
Texas Instruments
TLK2521IPAP TI1-TLK2521IPAP Datasheet
488Kb / 22P
1.0 to 2.5 Gbps 18-BIT SERDES
logo
NXP Semiconductors
MC92604 NXP-MC92604 Datasheet
203Kb / 2P
Dual Gigabit Ethernet SerDes Transceiver
2004 REV 1
logo
California Eastern Labs
THCV241-Q CEL-THCV241-Q Datasheet
194Kb / 2P
SerDes transmitter with bi-directional transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com