Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR542P Datasheet (PDF) - Rohm

2SCR542P Datasheet PDF - Rohm
Part # 2SCR542P_09
Download  2SCR542P Download
File Size   243.26 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Midium Power Transistors (30V / 5A)

2SCR542P Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR542P Datasheet PDF - Rohm

Part # 2SCR542P_09
Download  2SCR542P Click to download

File Size   243.26 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Midium Power Transistors (30V / 5A)

2SCR542P Datasheet (HTML) - Rohm




Similar Part No. - 2SCR542P_09

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR542PFRA ROHM-2SCR542PFRA Datasheet
1Mb / 9P
NPN 5.0A 30V Middle Power Transistor
More results


Similar Description - 2SCR542P_09

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR542P ROHM-2SAR542P_09 Datasheet
243Kb / 5P
Midium Power Transistors (-30V / -5A)
2SAR552P ROHM-2SAR552P_09 Datasheet
242Kb / 5P
Midium Power Transistors (-30V / -3A)
2SCR512P ROHM-2SCR512P_09 Datasheet
243Kb / 5P
Midium Power Transistors (30V / 2A)
2SAR542D ROHM-2SAR542D Datasheet
599Kb / 6P
Midium Power Transistors (-30V/-5A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
Midium Power Transistors (30V / 1A)
2SCR542D ROHM-2SCR542D Datasheet
498Kb / 6P
Midium Power Transistors (30V / 5A)
MP6T11 ROHM-MP6T11 Datasheet
461Kb / 6P
Midium Power Transistors (-30V / -1A)
MP6X11 ROHM-MP6X11 Datasheet
1Mb / 6P
Midium Power Transistors (30V / 1A)
QS5Y1 ROHM-QS5Y1 Datasheet
1Mb / 8P
Midium Power Transistors (30V / 3A)
2SCR512P5 ROHM-2SCR512P5 Datasheet
1Mb / 9P
Midium Power Transistors (30V / 2V)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com