|
Single-chip Type with built-in FET Switching Regulator Series
● Overview
The high-accuracy frequency flexible step-down switching regulator is a switching regulator with built-in POWER MOS FET, which withstands high pressure. The operational frequency is freely configurable with external resistance. It features a wide input voltage range (7V~35V) and a high frequency accuracy of ±5% (BD9006F, BD9006HFP; f=200~500kHz), Furthermore, an external synchronization input pin enables synchronous operation with external clock.
● Features
1) Minimal external components
2) Wide input voltage range: 7V~ 35V
3) Frequency voltage accuracy: ±5%(BD9006F,BD9006HFP ; f=200~ 500kHz)
±20%(BD9007F, BD9007HFP)
4) Built-in P-ch POWER MOS FET
5) Output voltage setting enabled with external resistor: 0.8V~ VIN
6) Reference voltage accuracy: 0.8V±2%
7) Wide operating temperature range: -40℃~ +105℃
8) Low dropout: 100% ON duty cycle
9) Standby mode supply current: 0µA (Typ.)
10) Oscillation frequency variable with external resistor: 50~ 500kHz
11) External synchronization enabled
12) Soft start function: soft start time fixed to 5ms (Typ.)
13) Built-in overcurrent protection circuit
14) Built-in thermal shutdown protection circuit
15) High-power HRP7 package mounted (BD9006HFP,BD9007HFP)
16) Compact SOP8 package mounted (BD9006F,BD9007F)
● Applications
All fields of industrial equipment, such as Flat TV, printer, DVD, car audio, car navigation, and communication such as ETC, AV, and OA.
|