Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9006F Datasheet(PDF) 7 Page - Rohm

Part # BD9006F
Description  Flexible Step-down Switching Regulators with Built-in Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9006F Datasheet(HTML) 7 Page - Rohm

Back Button BD9006F Datasheet HTML 3Page - Rohm BD9006F Datasheet HTML 4Page - Rohm BD9006F Datasheet HTML 5Page - Rohm BD9006F Datasheet HTML 6Page - Rohm BD9006F Datasheet HTML 7Page - Rohm BD9006F Datasheet HTML 8Page - Rohm BD9006F Datasheet HTML 9Page - Rohm BD9006F Datasheet HTML 10Page - Rohm BD9006F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
BD9006F, BD9006HFP, BD9007F, BD9007HFP
Technical Note
7/17
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Block Diagrams / Application circuit / PIN assignment
No.
Pin name
Function
No.
Pin name
Function
1
PVIN
Power system power supply input
1
VIN
Power supply input
2
SW
Output
2
SW
Output
3
FB
Error Amp output
3
FB
Error Amp output
4
INV
Output voltage feedback
4
GND
Ground
5
EN/SYNC Enable/Synchronizing pulse input
5
INV
Output voltage feedback
6
RT
Frequency setting resistor connection
6
RT
Frequency setting resistor connection
7
GND
Ground
7
EN/SYNC Enable/Synchronizing pulse input
8
VIN
Power supply input
FIN
-
Ground
*VIN and PVIN must be shorted before use
Fig.19
Fig.20
(BD9006F,BD9007F)
(BD9006HFP,BD9007HFP)
VIN
RT
GND EN/SYNC
PVIN FB
SW
INV
VIN FB INV EN/SYNC
SW GND RT
EN/SYNC
220μF
+
2μF
330μF
+
15 KΩ
47kΩ
33μH
5V
30 KΩ
22000pF
Vo
51 KΩ
VREG
4
-
+
-
+
0.8V
PWM
COMPARATOR
DRIVER
2
7
5
GND
VIN
INV
SW
8
6
3
FB
RT
CURRENT LIMIT
+
-
ERROR AMP
Slope
+
SYNC
OSC
SDWN
Reset
DRV
Set
SDWN
UVLO/
TSD
Internal
Bias
1
PVIN
SOFT
START
EN/SYNC
220μF
+
2μF
330μF
+
15 KΩ
47 KΩ
33μH
5V
Vo
51 KΩ
Vref
5
-
+
-
+
0.8V
PWM
COMPARATOR
DRIVER
4
7
GND
VIN
INV
SW
1
6
FB
RT
CURRENT LIMIT
+
-
ERROR AMP
Slope
SOFT
START
+
SYNC
OSC
SDWN
Reset
DRV
Set
SDWN
UVLO/
TSD
Internal
Bias
3
2
30 KΩ
22000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com