Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0140E Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0140E Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0140E
Download  TC0140E Download
File Size   198.4 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 303.875MHz

TC0140E Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0140E Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0140E
Download  TC0140E Click to download

File Size   198.4 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 303.875MHz

TC0140E Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TC0140E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0141A TAI-SAW-TC0141A Datasheet
308Kb / 4P
SAW Resonator 303.875 MHz SMD 5X5 mm
TC0143A TAI-SAW-TC0143A Datasheet
240Kb / 3P
SAW Resonator 303.825 MHz TO39
TC0144A TAI-SAW-TC0144A Datasheet
347Kb / 5P
SAW Resonator 868.35 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
TC0144A GOLLEDGE-TC0144A Datasheet
77Kb / 3P
SAW Resonator 868.350MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0145A TAI-SAW-TC0145A Datasheet
240Kb / 3P
SAW Resonator 868.35 MHz TO39
More results


Similar Description - TC0140E

ManufacturerPart #DatasheetDescription
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
SAW resonator
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
SAW RESONATOR
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
SAW Resonator
2004-04-20
R31451 ITF-R31451 Datasheet
255Kb / 6P
SAW Resonator
2004-04-20
R31801 ITF-R31801 Datasheet
256Kb / 6P
SAW Resonator
2004-04-20
R40731 ITF-R40731 Datasheet
255Kb / 6P
SAW Resonator
R41751 ITF-R41751 Datasheet
252Kb / 6P
SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
SAW Resonator
2004-04-20
logo
Shenzhen Luguang Electr...
LGER433 LUGUANG-LGER433 Datasheet
314Kb / 4P
SAW resonator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com