Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0145A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0145A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0145A
Download  TC0145A Download
File Size   240.65 Kbytes
Page   3 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 868.35 MHz TO39

TC0145A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0145A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0145A
Download  TC0145A Click to download

File Size   240.65 Kbytes
Page   3 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 868.35 MHz TO39

TC0145A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TC0145A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0140E TAI-SAW-TC0140E Datasheet
198Kb / 4P
SAW Resonator 303.875MHz
TC0141A TAI-SAW-TC0141A Datasheet
308Kb / 4P
SAW Resonator 303.875 MHz SMD 5X5 mm
TC0143A TAI-SAW-TC0143A Datasheet
240Kb / 3P
SAW Resonator 303.825 MHz TO39
TC0144A TAI-SAW-TC0144A Datasheet
347Kb / 5P
SAW Resonator 868.35 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
TC0144A GOLLEDGE-TC0144A Datasheet
77Kb / 3P
SAW Resonator 868.350MHz
More results


Similar Description - TC0145A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3164 MURATA-RO3164 Datasheet
141Kb / 2P
868.35 MHz SAW Resonator
RO3164A-3 MURATA-RO3164A-3 Datasheet
63Kb / 2P
868.35 MHz SAW Resonator
RO3164D-3 MURATA-RO3164D-3 Datasheet
124Kb / 2P
868.35 MHz SAW Resonator
RO3164E-3 MURATA-RO3164E-3 Datasheet
431Kb / 2P
868.35 MHz SAW Resonator
RO3164D MURATA-RO3164D_15 Datasheet
206Kb / 3P
868.35 MHz SAW Resonator
RO3164D-2 MURATA-RO3164D-2_15 Datasheet
100Kb / 2P
868.35 MHz SAW Resonator
RO3164E MURATA-RO3164E_15 Datasheet
206Kb / 3P
868.35 MHz SAW Resonator
RO3164E-1 MURATA-RO3164E-1_15 Datasheet
100Kb / 2P
868.35 MHz SAW Resonator
RO3164E-2 MURATA-RO3164E-2_15 Datasheet
100Kb / 2P
868.35 MHz SAW Resonator
RO3164E-3 MURATA-RO3164E-3_15 Datasheet
208Kb / 2P
868.35 MHz SAW Resonator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com