Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0277A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0277A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0277A
Download  TC0277A Download
File Size   253.19 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 868.35 MHz SMD 3.8X3.8 mm

TC0277A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0277A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0277A
Download  TC0277A Click to download

File Size   253.19 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 868.35 MHz SMD 3.8X3.8 mm

TC0277A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TC0277A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0270A TAI-SAW-TC0270A Datasheet
333Kb / 5P
SAW Resonator 649.046 MHz SMD 3X3 mm
TC0272A TAI-SAW-TC0272A Datasheet
286Kb / 4P
SAW Resonator 403.55 MHz SMD3X3 mm
TC0273A TAI-SAW-TC0273A Datasheet
247Kb / 5P
SAW Resonator 500.3 MHz SMD 3.8X3.8 mm
TC0274A TAI-SAW-TC0274A Datasheet
351Kb / 5P
SAW Resonator 315 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
TC0274A GOLLEDGE-TC0274A Datasheet
303Kb / 6P
SAW Resonator: 315.0MHz
More results


Similar Description - TC0277A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0163A TAI-SAW-TC0163A Datasheet
322Kb / 4P
SAW Resonator 868.35 MHz SMD 3.8X3.8 mm
TC0237A TAI-SAW-TC0237A Datasheet
353Kb / 5P
SAW Resonator 666.6043 MHz SMD 3.8X3.8 mm
TC0248A TAI-SAW-TC0248A Datasheet
285Kb / 5P
SAW Resonator 433.000 MHz SMD 3.8X3.8 mm
TD0116A TAI-SAW-TD0116A Datasheet
258Kb / 6P
SAW Resonator 1090 MHz SMD 3.8X3.8 mm
TC0273A TAI-SAW-TC0273A Datasheet
247Kb / 5P
SAW Resonator 500.3 MHz SMD 3.8X3.8 mm
TC0403A TAI-SAW-TC0403A Datasheet
264Kb / 6P
SAW Resonator 915.75 MHz SMD 3.8X3.8 mm
TC0429A TAI-SAW-TC0429A Datasheet
278Kb / 6P
SAW Resonator 644.873 MHz SMD 3.8X3.8 mm
TC0185A TAI-SAW-TC0185A Datasheet
289Kb / 4P
SAW Resonator 745.795 MHz SMD 3.8X3.8 mm
TC0187A TAI-SAW-TC0187A Datasheet
285Kb / 5P
SAW Resonator 772.420 MHz SMD 3.8X3.8 mm
TC0205A TAI-SAW-TC0205A Datasheet
321Kb / 4P
SAW Resonator 868.35 MHz SMD 3.8X3.8 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com