Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN3R0-60PS Datasheet (PDF) - NXP Semiconductors

PSMN3R0-60PS Datasheet PDF - NXP Semiconductors
Part # PSMN3R0-60PS
Download  PSMN3R0-60PS Download
File Size   220.13 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 60 V 3.0 m廓 standard level MOSFET

PSMN3R0-60PS Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN3R0-60PS Datasheet PDF - NXP Semiconductors

Part # PSMN3R0-60PS
Download  PSMN3R0-60PS Click to download

File Size   220.13 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 60 V 3.0 m廓 standard level MOSFET

PSMN3R0-60PS Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PSMN3R0-60PS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN3R0-60PS ISC-PSMN3R0-60PS Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN3R0-60PS NEXPERIA-PSMN3R0-60PS Datasheet
820Kb / 14P
N-channel 60 V 3.0 mΩ standard level MOSFET
Rev. 02 - 28 October 2010
More results


Similar Description - PSMN3R0-60PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN7R0-60YS NXP-PSMN7R0-60YS Datasheet
247Kb / 15P
N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Rev. 02-30 March 2010
PSMN7R6-60PS NXP-PSMN7R6-60PS Datasheet
177Kb / 14P
N-channel 60 V 7.8 m廓 standard level MOSFET
Rev. 02-22 January 2010
PSMN015-60PS NXP-PSMN015-60PS Datasheet
242Kb / 14P
N-channel 60 V 14.8 m廓 standard level MOSFET
Rev. 02-22 February 2010
PSMN017-60YS NXP-PSMN017-60YS Datasheet
251Kb / 15P
N-channel LFPAK 60 V 15.7 m廓 standard level MOSFET
Rev. 02-1 April 2010
PSMN015-60PS PHILIPS-PSMN015-60PS_11 Datasheet
197Kb / 14P
N-channel 60 V 14.8 m廓 standard level MOSFET
Rev. 3-23 June 2011
PSMN030-60YS_1010 PHILIPS-PSMN030-60YS_1010 Datasheet
228Kb / 15P
N-channel LFPAK 60 V 24.7 m廓 standard level MOSFET
Rev. 02-25 October 2010
BUK7K52-60E PHILIPS-BUK7K52-60E_15 Datasheet
309Kb / 13P
Dual N-channel 60 V, 45 m廓 standard level MOSFET
10 December 2013
PSMN3R0-60ES NXP-PSMN3R0-60ES Datasheet
246Kb / 13P
N-channel 60 V 3.0 m廓 standard level MOSFET in I2PAK.
3 June 2014
logo
Nexperia B.V. All right...
BUK7K17-60E NEXPERIA-BUK7K17-60E Datasheet
763Kb / 13P
Dual N-channel 60 V, 14 m廓 standard level MOSFET
BUK7K35-60E NEXPERIA-BUK7K35-60E Datasheet
747Kb / 13P
Dual N-channel 60 V, 30 m廓 standard level MOSFET
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com