Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN015-60PS Datasheet (PDF) - NXP Semiconductors

PSMN015-60PS Datasheet PDF - NXP Semiconductors
Part # PSMN015-60PS
Download  PSMN015-60PS Download
File Size   242.54 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 60 V 14.8 m廓 standard level MOSFET

PSMN015-60PS Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN015-60PS Datasheet PDF - NXP Semiconductors

Part # PSMN015-60PS
Download  PSMN015-60PS Click to download

File Size   242.54 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 60 V 14.8 m廓 standard level MOSFET

PSMN015-60PS Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PSMN015-60PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN015-60PS PHILIPS-PSMN015-60PS Datasheet
197Kb / 14P
N-channel 60 V 14.8 m廓 standard level MOSFET
Rev. 3-23 June 2011
logo
Nexperia B.V. All right...
PSMN015-60PS NEXPERIA-PSMN015-60PS Datasheet
802Kb / 14P
N-channel 60 V 14.8 mΩ standard level MOSFET
Rev. 3 - 23 June 2011
logo
Inchange Semiconductor ...
PSMN015-60PS ISC-PSMN015-60PS Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
PSMN015-60PS PHILIPS-PSMN015-60PS_11 Datasheet
197Kb / 14P
N-channel 60 V 14.8 m廓 standard level MOSFET
Rev. 3-23 June 2011
More results


Similar Description - PSMN015-60PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R0-60PS NXP-PSMN3R0-60PS Datasheet
220Kb / 13P
N-channel 60 V 3.0 m廓 standard level MOSFET
Rev. 01-23 November 2009
PSMN7R0-60YS NXP-PSMN7R0-60YS Datasheet
247Kb / 15P
N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Rev. 02-30 March 2010
PSMN7R6-60PS NXP-PSMN7R6-60PS Datasheet
177Kb / 14P
N-channel 60 V 7.8 m廓 standard level MOSFET
Rev. 02-22 January 2010
PSMN015-60PS PHILIPS-PSMN015-60PS_11 Datasheet
197Kb / 14P
N-channel 60 V 14.8 m廓 standard level MOSFET
Rev. 3-23 June 2011
PSMN015-60BS PHILIPS-PSMN015-60BS Datasheet
207Kb / 13P
N-channel 60 V 14.8 m standard level MOSFET in D2PAK
Rev. 2-1 March 2012
PSMN015-60BS PHILIPS-PSMN015-60BS_15 Datasheet
219Kb / 13P
N-channel 60 V 14.8 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
logo
Nexperia B.V. All right...
BUK7K17-60E NEXPERIA-BUK7K17-60E Datasheet
763Kb / 13P
Dual N-channel 60 V, 14 m廓 standard level MOSFET
BUK7K35-60E NEXPERIA-BUK7K35-60E Datasheet
747Kb / 13P
Dual N-channel 60 V, 30 m廓 standard level MOSFET
PSMN015-60BS NEXPERIA-PSMN015-60BS Datasheet
801Kb / 13P
N-channel 60 V 14.8 mΩ standard level MOSFET in D2PAK
Rev. 2 - 1 March 2012
PSMN015-60PS NEXPERIA-PSMN015-60PS Datasheet
802Kb / 14P
N-channel 60 V 14.8 mΩ standard level MOSFET
Rev. 3 - 23 June 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com