Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IWS1205 Datasheet (PDF) - Power-One

IWS1205 Datasheet PDF - Power-One
Part # IWS1205
Download  IWS1205 Download
File Size   111.94 Kbytes
Page   3 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description IWS SERIES - 10 WATT

IWS1205 Datasheet (PDF)

Go To PDF Page Download Datasheet
IWS1205 Datasheet PDF - Power-One

Part # IWS1205
Download  IWS1205 Click to download

File Size   111.94 Kbytes
Page   3 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description IWS SERIES - 10 WATT

IWS1205 Datasheet (HTML) - Power-One


IWS1205 Product details

DESCRIPTION
IWS DC/DC converters offer excellent regulation and isolation in an industry-standard package. Available in several input versions, the IWS is perfect for industrial, datacom, or telecom applications. The IWS features short circuit protection and 500 VDC isolation. Please see the IWD series for dual-output applications.

FEATURES
• Industry-Standard Package
• Industry-Standard Pinout
• 85°C Case Operation
• Short-Circuit Protection
• 5, 12, 24, and 48V Input Versions
• Input Pi Filter and 6-Sided Shielding
• Regulated Outputs
• 500V Isolation




Similar Part No. - IWS1205

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IWS-41A ADVANTECH-IWS-41A Datasheet
2Mb / 3P
Intelligent Water Treatment Management Solution Suite
22-Jun-2021
IWS-41A-AP01 ADVANTECH-IWS-41A-AP01 Datasheet
2Mb / 3P
Intelligent Water Treatment Management Solution Suite
22-Jun-2021
logo
Cynergy3 Co
IWSL CYNERGY3-IWSL Datasheet
1Mb / 2P
Water approved Submersible Level Transmitter - Silicon Sensor
More results


Similar Description - IWS1205

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
10-Watt Lednium SMD Series
1/16
logo
Phihong USA Inc.
PSA10R-033 PHIHONG-PSA10R-033 Datasheet
133Kb / 3P
10 Watt Interchangeable Plug Series
logo
Volgen Kaga Electronics...
KTPS10-03320WA VOLGEN-KTPS10-03320WA Datasheet
4Mb / 1P
Volgen 10 Watt Series
logo
SL Power Electronics
PW170KB SLPOWER-PW170KB Datasheet
225Kb / 3P
Universal 10 ??15 Watt Series
logo
TRACO Electronic AG
TEL10 TRACOPOWER-TEL10 Datasheet
1Mb / 4P
TEL 10 Series, 10 Watt
Rev. March 6, 2023
TEL10WI TRACOPOWER-TEL10WI Datasheet
938Kb / 4P
TEL 10WI Series, 10 Watt
Rev. March 6, 2023
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
THL10 TRACOPOWER-THL10 Datasheet
920Kb / 4P
DC/DC Converter THL 10 Series, 10 Watt
Rev. Januaryy 11, 2023
TRI10 TRACOPOWER-TRI10 Datasheet
891Kb / 4P
DC/DC Converter TRI 10 Series, 10 Watt
Rev. November 30, 2022
TEN10 TRACOPOWER-TEN10 Datasheet
287Kb / 4P
DC/DC Converters TEN 10 Series, 10 Watt
Rev. October 26, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com