Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEL10WI Datasheet (PDF) - TRACO Electronic AG

TEL10WI Datasheet PDF - TRACO Electronic AG
Part # TEL10WI
Download  TEL10WI Download
File Size   938.88 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEL 10WI Series, 10 Watt

TEL10WI Datasheet (PDF)

Go To PDF Page Download Datasheet
TEL10WI Datasheet PDF - TRACO Electronic AG

Part # TEL10WI
Download  TEL10WI Click to download

File Size   938.88 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEL 10WI Series, 10 Watt

TEL10WI Datasheet (HTML) - TRACO Electronic AG


TEL10WI Product details

• Most compact 10 Watt converter in
DIP-16 metal casing
• Highest power density of 3.83 W/cm³
• 6-side shielded metal case with
insulated base plate
• Ultra wide 4:1 input voltage range
• High efficiency for low thermal loss
• Operating temperature range of
-40°C to +88°C
• Built-in EN 55032 class A filter
• Protection against short circuit and
overload
• 3-year product warranty




Similar Part No. - TEL10WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEL10 TRACOPOWER-TEL10 Datasheet
1Mb / 4P
TEL 10 Series, 10 Watt
Rev. March 6, 2023
TEL10-1210 TRACOPOWER-TEL10-1210 Datasheet
1Mb / 4P
TEL 10 Series, 10 Watt
Rev. March 6, 2023
TEL10-1211 TRACOPOWER-TEL10-1211 Datasheet
1Mb / 4P
TEL 10 Series, 10 Watt
Rev. March 6, 2023
TEL10-1212 TRACOPOWER-TEL10-1212 Datasheet
1Mb / 4P
TEL 10 Series, 10 Watt
Rev. March 6, 2023
TEL10-1213 TRACOPOWER-TEL10-1213 Datasheet
1Mb / 4P
TEL 10 Series, 10 Watt
Rev. March 6, 2023
More results


Similar Description - TEL10WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEL10 TRACOPOWER-TEL10 Datasheet
1Mb / 4P
TEL 10 Series, 10 Watt
Rev. March 6, 2023
TEL12 TRACOPOWER-TEL12 Datasheet
942Kb / 4P
TEL 12 Series, 12 Watt
Rev. November 30, 2022
TEL12WI TRACOPOWER-TEL12WI Datasheet
941Kb / 4P
TEL 12WI Series, 12 Watt
Rev. November 30, 2022
TEL15N TRACOPOWER-TEL15N Datasheet
1Mb / 4P
TEL 15N Series, 15 Watt
Rev. November 30, 2022
TEL15WIN TRACOPOWER-TEL15WIN Datasheet
1Mb / 4P
TEL 15WIN Series, 15 Watt
Rev. November 30, 2022
TEL5 TRACOPOWER-TEL5 Datasheet
938Kb / 4P
TEL 5 Series, 5 Watt
Rev. February 13, 2023
TEL8 TRACOPOWER-TEL8 Datasheet
1Mb / 4P
TEL 8 Series, 8 Watt
Rev. March 6, 2023
TEL8WI TRACOPOWER-TEL8WI Datasheet
945Kb / 4P
TEL 8WI Series, 8 Watt
Rev. March 6, 2023
THM10WI TRACOPOWER-THM10WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 10WI Series, 10 Watt
Rev. November 30, 2022
THR10WI TRACOPOWER-THR10WI Datasheet
1Mb / 6P
DC/DC Converter THR 10WI Series, 10 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com