Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEL12 Datasheet (PDF) - TRACO Electronic AG

TEL12 Datasheet PDF - TRACO Electronic AG
Part # TEL12
Download  TEL12 Download
File Size   942.43 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEL 12 Series, 12 Watt

TEL12 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEL12 Datasheet PDF - TRACO Electronic AG

Part # TEL12
Download  TEL12 Click to download

File Size   942.43 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEL 12 Series, 12 Watt

TEL12 Datasheet (HTML) - TRACO Electronic AG


TEL12 Product details

• Ultra compact 12 Watt converter in
DIP-16 metal casing
• Highest power density of 3,61W/cm3
• 6-side shielded metal case with
insulated baseplate
• Wide 2:1 input voltage range
• High efficiency (up to 88%) for low
thermal loss
• Operating temperature range -40°C to
+88°C
• Built-In EN 55032 class A filter
• Protection against short circuit
• 3-year product warranty




Similar Part No. - TEL12

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEL12-2411WI TRACOPOWER-TEL12-2411WI Datasheet
941Kb / 4P
TEL 12WI Series, 12 Watt
Rev. November 30, 2022
TEL12-2412WI TRACOPOWER-TEL12-2412WI Datasheet
941Kb / 4P
TEL 12WI Series, 12 Watt
Rev. November 30, 2022
TEL12-2413WI TRACOPOWER-TEL12-2413WI Datasheet
941Kb / 4P
TEL 12WI Series, 12 Watt
Rev. November 30, 2022
TEL12-2415WI TRACOPOWER-TEL12-2415WI Datasheet
941Kb / 4P
TEL 12WI Series, 12 Watt
Rev. November 30, 2022
TEL12-2422WI TRACOPOWER-TEL12-2422WI Datasheet
941Kb / 4P
TEL 12WI Series, 12 Watt
Rev. November 30, 2022
More results


Similar Description - TEL12

ManufacturerPart #DatasheetDescription
logo
Power-One
CY700SMS POWER-ONE-CY700SMS Datasheet
304Kb / 3P
12 WATT
IAS012YG POWER-ONE-IAS012YG Datasheet
144Kb / 3P
IAS SERIES - 12 WATT
logo
SL Power Electronics
PW149RB SLPOWER-PW149RB Datasheet
342Kb / 2P
Universal 12 Watt Series
logo
TRACO Electronic AG
TEL10 TRACOPOWER-TEL10 Datasheet
1Mb / 4P
TEL 10 Series, 10 Watt
Rev. March 6, 2023
TEL10WI TRACOPOWER-TEL10WI Datasheet
938Kb / 4P
TEL 10WI Series, 10 Watt
Rev. March 6, 2023
TEL12WI TRACOPOWER-TEL12WI Datasheet
941Kb / 4P
TEL 12WI Series, 12 Watt
Rev. November 30, 2022
TEL15N TRACOPOWER-TEL15N Datasheet
1Mb / 4P
TEL 15N Series, 15 Watt
Rev. November 30, 2022
TEL15WIN TRACOPOWER-TEL15WIN Datasheet
1Mb / 4P
TEL 15WIN Series, 15 Watt
Rev. November 30, 2022
TEL5 TRACOPOWER-TEL5 Datasheet
938Kb / 4P
TEL 5 Series, 5 Watt
Rev. February 13, 2023
TEL8 TRACOPOWER-TEL8 Datasheet
1Mb / 4P
TEL 8 Series, 8 Watt
Rev. March 6, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com