Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEL15N Datasheet (PDF) - TRACO Electronic AG

TEL15N Datasheet PDF - TRACO Electronic AG
Part # TEL15N
Download  TEL15N Download
File Size   1155.09 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEL 15N Series, 15 Watt

TEL15N Datasheet (PDF)

Go To PDF Page Download Datasheet
TEL15N Datasheet PDF - TRACO Electronic AG

Part # TEL15N
Download  TEL15N Click to download

File Size   1155.09 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEL 15N Series, 15 Watt

TEL15N Datasheet (HTML) - TRACO Electronic AG


TEL15N Product details

• Ultra compact 15 Watt converter in
DIP-16 metal casing
• Highest power density of 4.51 W/cm3
• Operating temperature range -40°C to
+85°C
• Wide 2:1 input voltage ranges:
9-18, 18-36, 36-75 VDC
• High efficiency (up to 87%) for low
thermal loss
• 6-side shielded metal case with
insulated baseplate
• Built-In EN 55032 class A filter
(conducted)
• Protection against short circuit
• 3-year product warranty




Similar Part No. - TEL15N

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEL15N-HS TRACOPOWER-TEL15N-HS Datasheet
1Mb / 4P
TEL 15N-HS Series, 15 Watt
Rev. November 30, 2022
More results


Similar Description - TEL15N

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEL10 TRACOPOWER-TEL10 Datasheet
1Mb / 4P
TEL 10 Series, 10 Watt
Rev. March 6, 2023
TEL10WI TRACOPOWER-TEL10WI Datasheet
938Kb / 4P
TEL 10WI Series, 10 Watt
Rev. March 6, 2023
TEL12WI TRACOPOWER-TEL12WI Datasheet
941Kb / 4P
TEL 12WI Series, 12 Watt
Rev. November 30, 2022
TEL15N-HS TRACOPOWER-TEL15N-HS Datasheet
1Mb / 4P
TEL 15N-HS Series, 15 Watt
Rev. November 30, 2022
TEL15WIN-HS TRACOPOWER-TEL15WIN-HS Datasheet
1Mb / 4P
TEL 15WIN-HS Series, 15 Watt
Rev. November 30, 2022
TEL15WIN TRACOPOWER-TEL15WIN Datasheet
1Mb / 4P
TEL 15WIN Series, 15 Watt
Rev. November 30, 2022
TEL8 TRACOPOWER-TEL8 Datasheet
1Mb / 4P
TEL 8 Series, 8 Watt
Rev. March 6, 2023
THD15N TRACOPOWER-THD15N Datasheet
913Kb / 4P
DC/DC Converter THD 15N Series, 15 Watt
Rev. November 30, 2022
THN15N TRACOPOWER-THN15N Datasheet
921Kb / 5P
DC/DC Converter THN 15N Series, 15 Watt
Rev. November 30, 2022
TEL15 TRACOPOWER-TEL15 Datasheet
240Kb / 3P
DC/DC Converters TEL 15 Series, 15 Watt
Rev. March 17, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com