Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5402G Datasheet (PDF) - Gulf Semiconductor

1N5402G Datasheet PDF - Gulf Semiconductor
Part # 1N5402G
Download  1N5402G Download
File Size   111.95 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50V to 1000V CURRENT: 3.0A

1N5402G Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5402G Datasheet PDF - Gulf Semiconductor

Part # 1N5402G
Download  1N5402G Click to download

File Size   111.95 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50V to 1000V CURRENT: 3.0A

1N5402G Datasheet (HTML) - Gulf Semiconductor


1N5402G Product details

VOLTAGE: 50V to 1000V CURRENT: 3.0A

FEATURE
   Molded case feature for auto insertion
   High current capability
   Low leakage current
   High surge capability
   High temperature soldering guaranteed
   250°C /10sec/0.375" lead length at 5 lbs tension
   Glass Passivated chip




Similar Part No. - 1N5402G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N5402G RECTRON-1N5402G Datasheet
23Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
1N5402G JGD-1N5402G Datasheet
128Kb / 2P
3.0 AMPS.GLASS PASSIVATED RECTIFIERS
logo
Shanghai Sunrise Electr...
1N5402G SSE-1N5402G Datasheet
16Kb / 1P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Bytes
1N5402G BYTES-1N5402G Datasheet
151Kb / 2P
3.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Dc Components
1N5402G DCCOM-1N5402G Datasheet
411Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
More results


Similar Description - 1N5402G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5400G-E GULFSEMI-1N5400G-E Datasheet
112Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50V to 1000V CURRENT: 3.0A
1N5400GM GULFSEMI-1N5400GM Datasheet
112Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50V to 1000V CURRENT: 3.0A
1N4007G-1 GULFSEMI-1N4007G-1 Datasheet
91Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
1N5554 GULFSEMI-1N5554 Datasheet
110Kb / 2P
SINTERED GLASS JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
BYW82GP GULFSEMI-BYW82GP Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:200 TO 1000V CURRENT: 3.0A
FR301G GULFSEMI-FR301G Datasheet
68Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
GP30A GULFSEMI-GP30A Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
GPP1A GULFSEMI-GPP1A Datasheet
84Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
GUFB30M GULFSEMI-GUFB30M Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
UF5400-E GULFSEMI-UF5400-E Datasheet
218Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER Voltage: 50 to 1000V Current: 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com