Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IT7001N Datasheet (PDF) - ITE Tech.Inc.

IT7001N Datasheet PDF - ITE Tech.Inc.
Part # IT7001N
Download  IT7001N Download
File Size   218.75 Kbytes
Page   24 Pages
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.
Description Programmable 8-Bit Binary Counter with Synchronous Preset Enable

IT7001N Datasheet (PDF)

Go To PDF Page Download Datasheet
IT7001N Datasheet PDF - ITE Tech.Inc.

Part # IT7001N
Download  IT7001N Click to download

File Size   218.75 Kbytes
Page   24 Pages
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.
Description Programmable 8-Bit Binary Counter with Synchronous Preset Enable

IT7001N Datasheet (HTML) - ITE Tech.Inc.


IT7001N Product details

1.  Features

   (1) Wide Operation Voltage

        -   Vcc= 2.5 to 5.5 V

   (2) Low Static Current (Ta= 25° C)

       -   Icc(Static) = 10 mA (max)

    (3)  Package:

       -   IT7001M: 16-SOP

       -   IT7001N: 16-TSSOP



2.  General Description

The IT7001M/IT7001N consists of 8-bit binary down counter and D-type Flip Flop. The counter can set up to max256 counts and synchronous preset (SPE_N) input can preset the data. When the count value is 0, the next clock pulse presets the data to invert the output. D-type Flip Floptakes the counter output as clock pulse, whose data is transferred to output at the rising edge. It is applied to generate AC signal for STN-type liquid crystal and dividerfor general usage.





 



 




Similar Part No. - IT7001N

ManufacturerPart #DatasheetDescription
logo
ITECH ELECTRONIC CO.,LT...
IT7300 ITECH-IT7300 Datasheet
1Mb / 4P
IT7300 Programmable AC Power Supply
IT7321 ITECH-IT7321 Datasheet
1Mb / 4P
IT7300 Programmable AC Power Supply
IT7322 ITECH-IT7322 Datasheet
1Mb / 4P
IT7300 Programmable AC Power Supply
IT7322H ITECH-IT7322H Datasheet
1Mb / 4P
IT7300 Programmable AC Power Supply
IT7324H ITECH-IT7324H Datasheet
1Mb / 4P
IT7300 Programmable AC Power Supply
More results


Similar Description - IT7001N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
8-bit synchronous binary down counter
1998 Jul 08
logo
Hitachi Semiconductor
HD151011 HITACHI-HD151011 Datasheet
75Kb / 16P
Dual BCD Programmable Counter with Synchronous Preset Enable
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
8-bit synchronous binary down counter
logo
Hitachi Semiconductor
HD151012 HITACHI-HD151012 Datasheet
78Kb / 16P
8-bit Binary Programmable Counter with Synchronous Preset Enable
logo
Renesas Technology Corp
HD151011 RENESAS-HD151011 Datasheet
140Kb / 14P
Dual BCD Programmable Counter with Synchronous Preset Enable
HD151012 RENESAS-HD151012 Datasheet
218Kb / 14P
8-bit Binary Programmable Counter with Synchronous Preset Enable
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
8-bit synchronous binary down counter
Rev. 03-12 November 2004
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
8-Bit Synchronous Binary Up Counter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com