| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTGS4111P
|
71Kb / 5P |
Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2 |
|
NTGD3133P
|
67Kb / 5P |
Power MOSFET ??0 V, ??.5 A, P?묬hannel, TSOP?? Dual
July, 2006 ??Rev. 0 |
|
NTGD4161P
|
67Kb / 5P |
Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1 |
 Fairchild Semiconductor |
FDMA3023PZ
|
330Kb / 8P |
Dual P-Channel PowerTrench짰 MOSFET -30 V, -2.9 A, 90 m廓
|
 ON Semiconductor |
NTGD3148N
|
82Kb / 5P |
Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0 |
|
NTGD3149C
|
126Kb / 8P |
Power MOSFET Complementary, 20 V, 3.5/??.7 A, TSOP?? Dual
May, 2008 ??Rev. 0 |
|
NTGD4169F
|
136Kb / 7P |
Power MOSFET and Schottky Diode 30 V, 2.9 A, N?묬hannel with Schottky Barrier Diode, TSOP??
May, 2008 ??Rev. 1 |
|
NTGS4141N
|
68Kb / 5P |
Power MOSFET 30 V, 7.0 A, Single N?묬hannel, TSOP??
February, 2006 ??Rev. 1 |
|
NTHD3102CT1G
|
101Kb / 11P |
Power MOSFET Complementary, 20 V, 5.5 A /??.2 A, ChipFET
September, 2006 ??Rev. 2 |
|
NVMFD5C446N
|
293Kb / 7P |
Power MOSFET 40 V, 2.9 m, 127 A, Dual N?묬hannel
October, 2017 ??Rev. 1 |