Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6144 Datasheet (PDF) - Rohm

BA6144 Datasheet PDF - Rohm
Part # BA6144
Download  BA6144 Download
File Size   43.55 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description LED level meter driver, 5-point, VU scale

BA6144 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA6144 Datasheet PDF - Rohm

Part # BA6144
Download  BA6144 Click to download

File Size   43.55 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description LED level meter driver, 5-point, VU scale

BA6144 Datasheet (HTML) - Rohm


BA6144 Product details

LED level meter driver, 5-point, VU scale



The BA6144 is a driver IC for LED VU level meters in stereo equipment and other display applications.

The IC displays the input level (range: 13dB to +17dB) on a 5-point, bar-type LED display.The BA6144 includes a rectifier amplifier allowing direct AC input, and has constant-current outputs, so it can directly drive the LEDs without variations in LED current due to supply voltage fluctuations.



Features

1) Rectifier amplifier allows either AC or DC input.

2) Wide display level range (13 to +17), so signals with large dynamic range can be displayed.

3) Constant-current outputs for constant LED current when the power supply voltage fluctuates.

4) Built-in reference voltage means that power supply voltage fluctuations do not effect the display.

5) Wide operating power supply voltage range (5.5V to 16V) for a wide range of applications.

6) Low PCB space requirements. Comes in a compact 9-pin SIP package and requires few external compo

nents.



Applications

VU meters, signal meters, and other display devices.




Similar Part No. - BA6144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA6144 ETC2-BA6144 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - BA6144

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1561 NTE-NTE1561 Datasheet
18Kb / 2P
Integrated Circuit 5 LED VU Level Meter
NTE1866 NTE-NTE1866 Datasheet
21Kb / 2P
Integrated Circuit 5-Point LED VU Scale Bar Level Meter Driver
logo
Rohm
BA6124 ROHM-BA6124 Datasheet
91Kb / 3P
LED level meter driver, 5-point, VU scale
BA6146 ROHM-BA6146 Datasheet
110Kb / 4P
Fluorescent display tube level meter driver, 12-point, VU scale, bar display
BA6820F ROHM-BA6820F Datasheet
172Kb / 10P
LED level meter driver, 12-point x 2 channel, VU scale, bar display
BA682A ROHM-BA682A Datasheet
85Kb / 5P
LED level meter driver, 12-point, VU scale, dot or bar display
BA6154 ROHM-BA6154 Datasheet
81Kb / 3P
LED level meter driver, 5-point, VU scale
BA6137 ROHM-BA6137 Datasheet
53Kb / 3P
LED level meter driver, 5-point VU scale
BA6125 ROHM-BA6125 Datasheet
96Kb / 4P
LED level meter driver, 5-point linear scale
BA6104 ROHM-BA6104 Datasheet
59Kb / 3P
LED level meter driver, 5-point,linear scale
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com