Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1561 Datasheet (PDF) - NTE Electronics

NTE1561 Datasheet PDF - NTE Electronics
Part # NTE1561
Download  NTE1561 Download
File Size   18.84 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 5 LED VU Level Meter

NTE1561 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1561 Datasheet PDF - NTE Electronics

Part # NTE1561
Download  NTE1561 Click to download

File Size   18.84 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 5 LED VU Level Meter

NTE1561 Datasheet (HTML) - NTE Electronics


NTE1561 Product details

Description:

The NTE1561 is a monolithic integrated circuit in a 9–Lead SIP type package designed for use as a 5 dot LED level meter driver. With a built–in rectifying amplifier, this device is suitable for AC/DC level meter applications such as VU meters or signal meters.



Features:

• Built–In High Gain Rectifying Amplifier (Av = 26dB)

• Low Radiation Noise when LED Turns On

• Logarithmic Indicator for Bar Type 5 Dot LED (–10, –5, 0, +3, +6dB)

• Constant Current Output: IO = 15mA Typ

• Wide Operating Supply Voltage Range: 3.5V to 16V

• Minimum Number of External Components Required



 




Similar Part No. - NTE1561

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE156 NTE-NTE156 Datasheet
19Kb / 2P
General Purpose Silicon Rectifier
NTE1560 NTE-NTE1560 Datasheet
18Kb / 2P
Integrated Circuit Phase Lock Loop (PLL) FM Stereo Multiplex Demodulator
NTE1562 NTE-NTE1562 Datasheet
81Kb / 2P
Integrated Circuit Programmable Search System for Audio Cassette
NTE1563 NTE-NTE1563 Datasheet
19Kb / 2P
Integrared Circuit AM Tuner, AM/FM IF Amp
NTE1565 NTE-NTE1565 Datasheet
82Kb / 2P
Integrated Circuit Phase Lock Loop (PLL) FM Demodulator for Portable Car Radio
More results


Similar Description - NTE1561

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1866 NTE-NTE1866 Datasheet
21Kb / 2P
Integrated Circuit 5-Point LED VU Scale Bar Level Meter Driver
logo
Rohm
BA6124 ROHM-BA6124 Datasheet
91Kb / 3P
LED level meter driver, 5-point, VU scale
BA682A ROHM-BA682A Datasheet
85Kb / 5P
LED level meter driver, 12-point, VU scale, dot or bar display
BA6144 ROHM-BA6144 Datasheet
43Kb / 3P
LED level meter driver, 5-point, VU scale
logo
Daewoo Semiconductor
DBL1016 DAEWOO-DBL1016 Datasheet
179Kb / 3P
5 DOTS LED LEVEL METER
logo
KEC(Korea Electronics)
KIA6966S KEC-KIA6966S Datasheet
62Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5 DOT LED LEVEL METER)
logo
Rohm
BA6154 ROHM-BA6154 Datasheet
81Kb / 3P
LED level meter driver, 5-point, VU scale
logo
Unisonic Technologies
A6966 UTC-A6966 Datasheet
90Kb / 4P
5 DOT LED LEVEL METER
logo
Rohm
BA6137 ROHM-BA6137 Datasheet
53Kb / 3P
LED level meter driver, 5-point VU scale
logo
Unisonic Technologies
A6966 UTC-A6966_15 Datasheet
169Kb / 4P
5 DOT LED LEVEL METER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com