Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6A0032 Datasheet (PDF) - Samsung semiconductor

S6A0032 Datasheet PDF - Samsung semiconductor
Part # S6A0032
Download  S6A0032 Download
File Size   361.88 Kbytes
Page   39 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 16 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD

S6A0032 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6A0032 Datasheet PDF - Samsung semiconductor

Part # S6A0032
Download  S6A0032 Click to download

File Size   361.88 Kbytes
Page   39 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 16 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD

S6A0032 Datasheet (HTML) - Samsung semiconductor


S6A0032 Product details

INTRODUCTION
This character driver and controller LSI for liquid crystal dot matrix display systems can display 2-line of 16 characters with the 5 x 8 dots format. It is capable of interfacing various microprocessors, supporting the 4-bit or 8-bit parallel mode. Voltage follower and bias circuit is built in the IC.

FEATURES
Driver Output Circuits
    - 16 common outputs / 80 segment outputs
Applicable Duty Ratio
On-chip Display Data RAM
    - Character Generator ROM (CGROM): 10,160 bits (254 characters x 5 x 8 dots)
    - Character Generator RAM (CGRAM): 80 bits (2 characters x 5 x 8 dots)
    - Display Data RAM (DDRAM): 256 bits (16 characters x 2-line)
Microprocessor Interface
    - 8-bit parallel interface with 6800-series or 8080-series MPU
    - 4-bit parallel interface with 6800-series or 8080-series MPU
Function Set
    - Simple instruction set
    - COM / SEG bi-directional (4 types of LCD application available)
    - Hardware reset (RESETB)
On-chip Analog Circuit
    - Internal RC oscillator circuit
    - Voltage follower & bias circuit
    - Automatic power on reset circuit
Operating Voltage Range
    - Supply voltage (VDD): 2.4 to 5.5V
    - LCD driving voltage (VLCD = V0 - VSS): 6.0V Max.
Low Power Consumption
Package Type
    - Gold bumped chip




Similar Part No. - S6A0032

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0031 SAMSUNG-S6A0031 Datasheet
339Kb / 37P
8 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0035 SAMSUNG-S6A0035 Datasheet
213Kb / 16P
53 SEGMENT STATIC DRIVER
More results


Similar Description - S6A0032

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0093 SAMSUNG-KS0093 Datasheet
590Kb / 55P
26 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
KS0094 SAMSUNG-KS0094 Datasheet
920Kb / 62P
34 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0031 SAMSUNG-S6A0031 Datasheet
339Kb / 37P
8 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0092 SAMSUNG-S6A0092 Datasheet
466Kb / 54P
80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0093 SAMSUNG-S6A0093 Datasheet
594Kb / 54P
80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
logo
Generalplus Technology ...
GPLD1080A GENERALPLUS-GPLD1080A Datasheet
545Kb / 20P
80 CHANNEL SEG/COM STN LCD DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com