Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6B0719 Datasheet (PDF) - Samsung semiconductor

S6B0719 Datasheet PDF - Samsung semiconductor
Part # S6B0719
Download  S6B0719 Download
File Size   575.42 Kbytes
Page   64 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD

S6B0719 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6B0719 Datasheet PDF - Samsung semiconductor

Part # S6B0719
Download  S6B0719 Click to download

File Size   575.42 Kbytes
Page   64 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD

S6B0719 Datasheet (HTML) - Samsung semiconductor


S6B0719 Product details

INTRODUCTION

The S6B0719 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 105 common and 160 segment driver circuits. This chip is connected directly to a microprocessor, accepts serial or 8-bit parallel display data and stores in an on-chip display data RAM of 105 x 160 bits. It provides a highly flexible display section due to 1-to-1 correspondence between on-chip display data RAM bits and LCD panel pixels. And it performs display data RAM read/write operation with no external-operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.



FEATURES

 Driver Output Circuits

   - 105 common outputs / 160 segment outputs

 Applicable Duty-ratios

   - Various partial display

   - Partial window moving & data scrolling

 On-chip Display Data RAM

   - Capacity: 105 x 160 = 16,800 bits

   - Bit data "1": a dot of display is illuminated

   - Bit data "0": a dot of display is not illuminated

 Microprocessor Interface

   - 8-bit parallel bi-directional interface with 6800-series or 8080-series

   - Serial interface (only write operation) available

 On-chip Low Power Analog Circuit

   - On-chip oscillator circuit

   - Voltage converter (x3, x4, x5 or x6)

   - Voltage regulator (temperature coefficient: -0.05%/°C or external input)

   - On-chip electronic contrast control function (64 steps)

   - Voltage follower (LCD bias: 1/4 to 1/11)

 Operating Voltage Range

   - Supply voltage (VDD): 2.4 to 3.6 V

   - LCD driving voltage (VLCD = V0 - VSS): 4.0 to 15.0 V

 Low Power Consumption

   - 200 mA Typ. (VDD = 3V, x5 boosting, V0 = 13V, Internal power supply ON and display OFF)

   - 20 mA Max. (during power save [standby] mode )

 Package Type

   - Gold bumped chip or TCP



 




Similar Part No. - S6B0719

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CY SAMSUNG-S6B0715A01-B0CY Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CZ SAMSUNG-S6B0715A01-B0CZ Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-XXX0 SAMSUNG-S6B0715A01-XXX0 Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A11-B0CY SAMSUNG-S6B0715A11-B0CY Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
More results


Similar Description - S6B0719

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
KS0794 SAMSUNG-KS0794 Datasheet
268Kb / 31P
160 COM / 160 SEG DRIVER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0794 SAMSUNG-S6B0794 Datasheet
266Kb / 31P
160 SEG / COM DRIVER FOR STN LCD
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
240 SEG / COM DRIVER FOR STN LCD
KS0040 SAMSUNG-KS0040 Datasheet
860Kb / 73P
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com