Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6B0794 Datasheet (PDF) - Samsung semiconductor

S6B0794 Datasheet PDF - Samsung semiconductor
Part # S6B0794
Download  S6B0794 Download
File Size   266.02 Kbytes
Page   31 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 160 SEG / COM DRIVER FOR STN LCD

S6B0794 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6B0794 Datasheet PDF - Samsung semiconductor

Part # S6B0794
Download  S6B0794 Click to download

File Size   266.02 Kbytes
Page   31 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 160 SEG / COM DRIVER FOR STN LCD

S6B0794 Datasheet (HTML) - Samsung semiconductor


S6B0794 Product details

INTRODUCTION
The S6B0794 is a 160-outputs segment/common driver LSI for graphic dot-matrix liquid crystal display systems. It is fabricated by low power CMOS high voltage process technology. This device consists of 160-bits bi-directional shift register, 160-bits data latch and 160-bits driver. In case of segment mode, the data input is selected 4bit parallel input mode and 8bit parallel input mode by a mode (MD) pin. In case of common mode, data input/output pins are bi-directional, four data shift directions are pin-selectable.

FEATURES
Both Segment Mode and Common Mode
- Supply voltage for LC driver: +15.0 to +32.0V
- Number of LC driver outputs: 160
- Low output impedance
- Low power consumption
- Supply voltage for the logic system: +2.4V to +5.5V
- CMOS silicon gate process (P-type Silicon Substrate)
- Package: 190-pin TCP (Tape Carrier Package) & Gold bumped chip

Segment Mode
- Shift clock frequency: 14MHz (Max) (Vdd=+5V±10%)
                                      8MHz (Max) (Vdd=+2.4V to +4.5V)
- Adopts a data bus system
- 4-bit / 8-bit parallel input modes are selectable with a mode (MD) pin
- Automatic transfer function of an enable signal
- Automatic counting function which, in the chip select, causes the internal clock to be stopped by automatically counting 160 of input data
- Line latch circuit reset function when DISPOFFB active

Common Mode
- Shift clock frequency: 4.0MHz (Max) (vdd=+2.4V to +5.5V)
- Built-in 160 bits bi-directional shift register (divisible into 80-bits x2)
- Available in a single mode (160-bits shift register) or in a dual mode(80-bits shift register x2)
- Shift register circuit reset function when DISPOFFB active




Similar Part No. - S6B0794

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
240 SEG / COM DRIVER FOR STN LCD
More results


Similar Description - S6B0794

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
KS0794 SAMSUNG-KS0794 Datasheet
268Kb / 31P
160 COM / 160 SEG DRIVER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
240 SEG / COM DRIVER FOR STN LCD
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
65 COM / 132 SEG STN LCD Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com