Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6B0715 Datasheet (PDF) - Samsung semiconductor

S6B0715 Datasheet PDF - Samsung semiconductor
Part # S6B0715
Download  S6B0715 Download
File Size   882.22 Kbytes
Page   61 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD

S6B0715 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6B0715 Datasheet PDF - Samsung semiconductor

Part # S6B0715
Download  S6B0715 Click to download

File Size   882.22 Kbytes
Page   61 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD

S6B0715 Datasheet (HTML) - Samsung semiconductor


S6B0715 Product details

INTRODUCTION
The S6B0715 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 33 common and 100 segment driver circuits. This chip is connected directly to a microprocessor, accepts serial or 8-bit parallel display data and stores in an on-chip display data RAM of 65 x 132 bits. It provides a highly-flexible display section due to 1-to-1 correspondence between on-chip display data RAM bits and LCD panel pixels. And it performs display data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
    Driver Output Circuits
        - 33 common outputs / 100 segment outputs
    On-chip Display Data RAM
        - Capacity: 65 x 132 = 8,580 bits
        - Bit data "1": a dot of display is illuminated.
        - Bit data "0": a dot of display is not illuminated.
    Multi-chip Operation (Master, Slave) Available
    Applicable Duty Ratios
    Microprocessor Interface
        - 8-bit parallel bi-directional interface with 6800-series or 8080-series
        - Serial interface (only write operation) available
    Various Instruction Setting
    On-chip Low Power Analog Circuit
        - On-chip oscillator circuit
        - Voltage converter (x2, x3 and x4)
        - Voltage regulator (temperature coefficient: -0.05%/°C, -0.2%/°C)
        - On-chip electronic contrast control function (32 steps)
        - Voltage follower (LCD bias: 1/5 or 1/6)
    Operating Voltage Range
        - Supply voltage (VDD): 2.4 to 3.6 V
        - LCD driving voltage (VLCD = V0 - VSS): 4.0 to 15.0 V
    Low Power Consumption
        - 100 mA Typ. (VDD = 3V, x4 boosting, V0 = 8V, internal power supply ON and display OFF)
        - 10 mA Max. (during power save [standby] mode)
    Wide Operating Temperature Range
        - Ta = -40°C to +85°C
    Package Type
        - Gold bumped chip or TCP




Similar Part No. - S6B0715

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0716 SAMSUNG-S6B0716 Datasheet
816Kb / 57P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0716X01-C0C8 SAMSUNG-S6B0716X01-C0C8 Datasheet
816Kb / 57P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0716X11-C0C8 SAMSUNG-S6B0716X11-C0C8 Datasheet
816Kb / 57P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0717 SAMSUNG-S6B0717 Datasheet
910Kb / 65P
55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0717X01-B0CY SAMSUNG-S6B0717X01-B0CY Datasheet
910Kb / 65P
55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
More results


Similar Description - S6B0715

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0715 SAMSUNG-KS0715 Datasheet
837Kb / 60P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0717 SAMSUNG-KS0717 Datasheet
869Kb / 64P
55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0716 SAMSUNG-S6B0716 Datasheet
816Kb / 57P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0717 SAMSUNG-S6B0717 Datasheet
910Kb / 65P
55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com