Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6A0079 Datasheet (PDF) - Samsung semiconductor

S6A0079 Datasheet PDF - Samsung semiconductor
Part # S6A0079
Download  S6A0079 Download
File Size   338.93 Kbytes
Page   36 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD

S6A0079 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6A0079 Datasheet PDF - Samsung semiconductor

Part # S6A0079
Download  S6A0079 Click to download

File Size   338.93 Kbytes
Page   36 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD

S6A0079 Datasheet (HTML) - Samsung semiconductor


S6A0079 Product details

INTRODUCTION
S6A0079 is a dot matrix LCD driver & controller LSI which is fabricated by low power CMOS technology. It can display 2, or 4 lines with 5 x 8 dots format.

FEATURES
• Internal memory
   - Character Generator ROM (CGROM): 9,600 bits (240 characters x 5 x 8 dot)
   - Character Generator RAM (CGRAM): 64 x 8 bits (8 characters x 5 x 8 dot)
   - Icon RAM (CGRAM): 16 x 8 bits (80 icons max.)
   - Display Data RAM (DDRAM): 96 x 8 bits (96 characters max.)
• Low power operation
   - Power supply voltage range: 2.7 - 5.5V (VDD)
   - LCD Drive voltage range: 3.0 - 13.0V (VDD - V5)
• CMOS process
• Duty cycle: 1/33
• Internal oscillator with an external resistor
• Bare chip available

FUNCTIONS
• Character type dot matrix LCD driver & controller
• Internal driver: 34 common and 120 segment signal output
• Easy interface with 4-bit or 8-bit MPU
• 5 x 8 dots matrix possible
• Voltage converter for LCD drive voltage: 13V max (2 times/3 times)
• Automatic power on reset




Similar Part No. - S6A0079

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0070 SAMSUNG-S6A0070 Datasheet
116Kb / 12P
40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
S6A0070 SAMSUNG-S6A0070 Datasheet
399Kb / 41P
80 SEG / 16 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0071 SAMSUNG-S6A0071 Datasheet
330Kb / 29P
32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0072 SAMSUNG-S6A0072 Datasheet
268Kb / 32P
16COM/40SEG DOT MATRIX LCD CONTROLLER & DRIVER
S6A0073 SAMSUNG-S6A0073 Datasheet
116Kb / 12P
40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
More results


Similar Description - S6A0079

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Samsung semiconductor
KS0074 SAMSUNG-KS0074 Datasheet
537Kb / 70P
34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0073 SAMSUNG-S6A0073 Datasheet
923Kb / 78P
34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0074 SAMSUNG-S6A0074 Datasheet
701Kb / 68P
34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0075 SAMSUNG-KS0075 Datasheet
533Kb / 71P
34COM/100SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0078 SAMSUNG-KS0078 Datasheet
563Kb / 71P
34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com