Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6A0090 Datasheet (PDF) - Samsung semiconductor

S6A0090 Datasheet PDF - Samsung semiconductor
Part # S6A0090
Download  S6A0090 Download
File Size   549.68 Kbytes
Page   54 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 64 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD

S6A0090 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6A0090 Datasheet PDF - Samsung semiconductor

Part # S6A0090
Download  S6A0090 Click to download

File Size   549.68 Kbytes
Page   54 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 64 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD

S6A0090 Datasheet (HTML) - Samsung semiconductor


S6A0090 Product details

INTRODUCTION
The S6A0090 is an LCD driver and controller LSI for liquid crystal dot matrix character display systems. It can display 2 or 3 lines of 12 characters with 5 x 8 dots format. It is capable of interfacing with various microprocessors, supporting the 4-bit and 8-bit parallel mode and the clock synchronized serial mode. Voltage converter (2 or 3 times), voltage regulator, divider resistor and voltage follower OP AMP are built in the IC and a low operation current of 50mA is achieved. The slim shape of the chip makes it suitable for the COG module application and TCP. The S6A0090 is an ideal solution for display on portable equipment such as cellular phones.

FEATURES
Driver Outputs
   - Common outputs: 26 common
   - Segment outputs: 64 segment
   - Icons: 128 horizontal icons, 24 x 4 vertical icons, 5 static icons
Applicable Panel Size

Internal Memory
   - Character Generator ROM (CGROM): 10,240 bits (256 characters x 5 x 8 dots)
   - Character Generator RAM (CGRAM): 160 bits (4 characters x 5 x 8 dots)
   - Display Data RAM (DDRAM): 288 bits (12 characters x 3 lines x 8 bits)
   - Segment Icon RAM (ICONRAM): 224 bits (12 x 2 x 5 bits + 2 x 4 bits + 24 x 4 bits)

MPU Interface
   - No busy MPU interface (no busy check or no execution waiting time)
   - 8-bit parallel interface mode: 68-series and 80-series are available
   - 4-bit parallel interface mode: 68-series and 80-series are available
   - Serial interface mode: 4 pins clock synchronized serial interface

Function Set
   - Various instructions set: display control, power save, power control, function set, etc.
   - COM / SEG bi-directional function (4 types of LCD application available)
   - Hardware reset (RES pin)

Built-in Analog Circuit
   - On-chip oscillator with an internal resistor or external clock input
   - Electronic volume for contrast control (32 or 64 steps)
   - Voltage converter (2 or 3 times) / voltage regulator / voltage follower and bias circuit

Low Power Consumption
   - 80 μA Max. : in normal mode for normal display operation
   - 10 μA Max. : in standby mode for displaying static icon
   - 5 μA Max. : in sleep mode when display is turned OFF

Operating Voltage Range
   - Power supply voltage (VDD): 2.4 to 5.5 V
   - LCD driving voltage (VLCD = V0 - VSS): 11.0 V (positive process)

Package Type
   - Gold bumped chip or TCP




Similar Part No. - S6A0090

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0092 SAMSUNG-S6A0092 Datasheet
466Kb / 54P
80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0093 SAMSUNG-S6A0093 Datasheet
594Kb / 54P
80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
More results


Similar Description - S6A0090

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0093 SAMSUNG-KS0093 Datasheet
590Kb / 55P
26 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0092 SAMSUNG-S6A0092 Datasheet
466Kb / 54P
80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0093 SAMSUNG-S6A0093 Datasheet
594Kb / 54P
80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com