Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6B0759 Datasheet (PDF) - Samsung semiconductor

S6B0759 Datasheet PDF - Samsung semiconductor
Part # S6B0759
Download  S6B0759 Download
File Size   657.68 Kbytes
Page   68 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD

S6B0759 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6B0759 Datasheet PDF - Samsung semiconductor

Part # S6B0759
Download  S6B0759 Click to download

File Size   657.68 Kbytes
Page   68 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD

S6B0759 Datasheet (HTML) - Samsung semiconductor


S6B0759 Product details

INTRODUCTION
The S6B0759 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 81 common and 128 segment driver circuits. This chip is connected directly to a microprocessor, accepts serial or 8-bit parallel display data and stores in an on-chip display data RAM of 81 x 128 bits. It provides a highly flexible display section due to 1-to-1 correspondence between on-chip display data RAM bits and LCD panel pixels. And it performs display data RAM read/write operation with no externally operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
Driver Output Circuits
- 81 common outputs / 128 segment outputs

Applicable Duty Ratios
- Various partial display
- Partial window moving & data scrolling

On-chip Display Data RAM
- Capacity: 81 x 128 = 10,368 bits
- Bit data "1": a dot of display is illuminated.
- Bit data "0": a dot of display is not illuminated.

Microprocessor Interface
- 8-bit parallel bi-directional interface with 6800-series or 8080-series.
- SPI (Serial Peripheral Interface) available. (only write operation)

On-chip Low Power Analog Circuit
- On-chip oscillator circuit
- Voltage converter (x3, x4, x5 or x6)
- Voltage regulator (temperature coefficient: -0.05%/°C or external input)
- On-chip electronic contrast control function (64 steps)
- Voltage follower (LCD bias: 1/4 to 1/11)

Operating Voltage Range
- Supply voltage (VDD): 1.8 to 3.3 V
- LCD driving voltage (VLCD = V0 - VSS): 4.0 to 15.0 V

Low power Consumption
- TBD μA Typ. (Internal power supply on and display OFF)

Package Type
- Gold bumped chip or TCP




Similar Part No. - S6B0759

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0756 SAMSUNG-S6B0756 Datasheet
334Kb / 74P
65COM / 96 SEG DRIVER & CONTROLLER FOR STN LCD
More results


Similar Description - S6B0759

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
KS0741 SAMSUNG-KS0741 Datasheet
985Kb / 74P
128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0741 SAMSUNG-S6B0741 Datasheet
985Kb / 74P
128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B1741 SAMSUNG-S6B1741 Datasheet
472Kb / 78P
128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com