Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR3A40SA Datasheet (PDF) - Diodes Incorporated

SBR3A40SA Datasheet PDF - Diodes Incorporated
Part # SBR3A40SA
Download  SBR3A40SA Download
File Size   118.4 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A SBR짰 SUPER BARRIER RECTIFIER SMA

SBR3A40SA Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR3A40SA Datasheet PDF - Diodes Incorporated

Part # SBR3A40SA
Download  SBR3A40SA Click to download

File Size   118.4 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A SBR짰 SUPER BARRIER RECTIFIER SMA

SBR3A40SA Datasheet (HTML) - Diodes Incorporated




Similar Part No. - SBR3A40SA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3A40SA-13 DIODES-SBR3A40SA-13 Datasheet
110Kb / 5P
SUPER BARRIER RECTIFIER 3.0A SBR짰 SMA
Rev 11
SBR3A40SAF DIODES-SBR3A40SAF Datasheet
320Kb / 4P
3A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
September 2013
SBR3A40SAF-13 DIODES-SBR3A40SAF-13 Datasheet
320Kb / 4P
3A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
September 2013
SBR3A40SAQ-13 DIODES-SBR3A40SAQ-13 Datasheet
110Kb / 5P
SUPER BARRIER RECTIFIER 3.0A SBR짰 SMA
Rev 11
SBR3A40SA DIODES-SBR3A40SA_15 Datasheet
110Kb / 5P
SUPER BARRIER RECTIFIER 3.0A SBR짰 SMA
Rev 11
More results


Similar Description - SBR3A40SA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
SBR12A45SD1 DIODES-SBR12A45SD1 Datasheet
94Kb / 3P
12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
SBR1040CTB DIODES-SBR1040CTB Datasheet
86Kb / 4P
10A SBR짰 SUPER BARRIER RECTIFIER
Rev 5
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
30A SBR짰 SUPER BARRIER RECTIFIER
Rev 5
SBR130SV DIODES-SBR130SV_15 Datasheet
195Kb / 4P
1.0A SBR짰 SUPER BARRIER RECTIFIER
Rev 9
SBR3A40SA DIODES-SBR3A40SA_15 Datasheet
110Kb / 5P
SUPER BARRIER RECTIFIER 3.0A SBR짰 SMA
Rev 11
SBR3U40P1 DIODES-SBR3U40P1_15 Datasheet
445Kb / 5P
SUPER BARRIER RECTIFIER 3.0A SBR짰 POWERDI짰
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com