Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR12LM-14LB Datasheet (PDF) - Renesas Technology Corp

BCR12LM-14LB Datasheet PDF - Renesas Technology Corp
Part # BCR12LM-14LB
Download  BCR12LM-14LB Download
File Size   111.09 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac

BCR12LM-14LB Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR12LM-14LB Datasheet PDF - Renesas Technology Corp

Part # BCR12LM-14LB
Download  BCR12LM-14LB Click to download

File Size   111.09 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac

BCR12LM-14LB Datasheet (HTML) - Renesas Technology Corp


BCR12LM-14LB Product details

Features

IT (RMS): 12 A

VDRM: 800 V (Tj = 125°C)

IFGTI, IRGTI, IRGTIII: 30 mA

Viso : 1800 V

The Product guaranteed maximum junction temperature 150°C

Insulated Type

Planar Type




Similar Part No. - BCR12LM-14LB

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BCR12LM-14LB ISC-BCR12LM-14LB Datasheet
280Kb / 3P
isc Triacs
logo
Renesas Technology Corp
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
Triac Medium Power Use
More results


Similar Description - BCR12LM-14LB

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
Triac
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
TRIAC
logo
Renesas Technology Corp
BCR5CM12RA RENESAS-BCR5CM12RA Datasheet
92Kb / 7P
Triac
BCR8FM12LB RENESAS-BCR8FM12LB Datasheet
138Kb / 8P
Triac
BCR20CM12LB RENESAS-BCR20CM12LB Datasheet
202Kb / 8P
Triac
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
Triac
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com