Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR12LM-14LB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR12LM-14LB
Description  Triac
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR12LM-14LB Datasheet(HTML) 7 Page - Renesas Technology Corp

  BCR12LM-14LB Datasheet HTML 1Page - Renesas Technology Corp BCR12LM-14LB Datasheet HTML 2Page - Renesas Technology Corp BCR12LM-14LB Datasheet HTML 3Page - Renesas Technology Corp BCR12LM-14LB Datasheet HTML 4Page - Renesas Technology Corp BCR12LM-14LB Datasheet HTML 5Page - Renesas Technology Corp BCR12LM-14LB Datasheet HTML 6Page - Renesas Technology Corp BCR12LM-14LB Datasheet HTML 7Page - Renesas Technology Corp BCR12LM-14LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BCR12LM-14LB
Preliminary
R07DS0059EJ0100 Rev.1.00
Page 7 of 7
Jul 27, 2010
Package Dimensions
Unit: mm
Previous Code
PRSS0003AF-A
TO-220FL
MASS[Typ.]
1.5g
⎯
RENESAS Code
JEITA Package Code
Package Name
TO-220FL
10.0
± 0.3
φ 3.2 ± 0.2
0.75
± 0.15
1.15
± 0.2
2.54
± 0.25
2.54
± 0.25
0.40
± 0.15
2.8
± 0.2
1.15
± 0.2
Order Code
Lead form
Standard packing
Quantity
Standard order code
Standard order code
example
Straight type
Plastic Magazine (Tube)
50
Type name
BCR12LM-14LB
Lead form
Plastic Magazine (Tube)
50
Type name – Lead forming code
BCR12LM-14LB-A8
Note : Please confirm the specification about the shipping in detail.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com