Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69R738CZP4R Datasheet (PDF) - Motorola, Inc

MCM69R738CZP4R Datasheet PDF - Motorola, Inc
Part # MCM69R738CZP4R
Download  MCM69R738CZP4R Download
File Size   511.13 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 4M Late Write 2.5 V I/O

MCM69R738CZP4R Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM69R738CZP4R Datasheet PDF - Motorola, Inc

Part # MCM69R738CZP4R
Download  MCM69R738CZP4R Click to download

File Size   511.13 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 4M Late Write 2.5 V I/O

MCM69R738CZP4R Datasheet (HTML) - Motorola, Inc


MCM69R738CZP4R Product details

4M Late Write 2.5 V I/O

The MCM69R738C/820C is a 4M–bit synchronous late write fast static RAM designed to provide high performance in secondary cache and ATM switch, Telecom, and other high speed memory applications. The MCM69R820C (organized as 256K words by 18 bits) and the MCM69R738C (organized as 128K words by 36 bits) are fabricated in Motorola’s high performance silicon gate BiCMOS technology.
The differential clock (CK) inputs control the timing of read/write operations of the RAM. At the rising edge of CK, all addresses, write enables, and synchronous selects are registered. An internal buffer and special logic enable the memory to accept write data on the rising edge of CK, a cycle after address and control signals. Read data is also driven on the rising edge of CK.
The RAM uses 2.5 V inputs and outputs.
The synchronous write and byte enables allow writing to individual bytes or the entire word.

• Byte Write Control
• Single 3.3 V +10%, –5% Operation
• 2.5 V I/O (VDDQ)
• Register to Register Synchronous Operation
• Asynchronous Output Enable
• Boundary Scan (JTAG) IEEE 1149.1 Compatible
• Differential Clock Inputs
• Optional x18 or x36 Organization
• MCM69R738C/820C–4 = 4 ns
   MCM69R738C/820C–4.4 = 4.4 ns
   MCM69R738C/820C–5 = 5 ns
   MCM69R738C/820C–6 = 6 ns
• Sleep Mode Operation (ZZ Pin)
• 119–Bump, 50 mil (1.27 mm) Pitch, 14 mm x 22 mm Plastic Ball Grid Array (PBGA) Package




Similar Part No. - MCM69R738CZP4R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
4M Late Write 2.5 V I/O
MCM69R738AZP5 MOTOROLA-MCM69R738AZP5 Datasheet
213Kb / 20P
4M Late Write 2.5 V I/O
MCM69R738AZP5R MOTOROLA-MCM69R738AZP5R Datasheet
213Kb / 20P
4M Late Write 2.5 V I/O
MCM69R738AZP6 MOTOROLA-MCM69R738AZP6 Datasheet
213Kb / 20P
4M Late Write 2.5 V I/O
MCM69R738AZP6R MOTOROLA-MCM69R738AZP6R Datasheet
213Kb / 20P
4M Late Write 2.5 V I/O
More results


Similar Description - MCM69R738CZP4R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
4M Late Write HSTL
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
4M Late Write LVTTL
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
4M Late Write 2.5 V I/O
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
4M Late Write HSTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
4M Late Write LVTTL
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
4M Late Write 2.5 V I/O
logo
GSI Technology
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
logo
Motorola, Inc
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
4M Late Write HSTL
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com