Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69R738A Datasheet (PDF) - Motorola, Inc

MCM69R738A Datasheet PDF - Motorola, Inc
Part # MCM69R738A
Download  MCM69R738A Download
File Size   213.45 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 4M Late Write 2.5 V I/O

MCM69R738A Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM69R738A Datasheet PDF - Motorola, Inc

Part # MCM69R738A
Download  MCM69R738A Click to download

File Size   213.45 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 4M Late Write 2.5 V I/O

MCM69R738A Datasheet (HTML) - Motorola, Inc


MCM69R738A Product details

The MCM69R738A/820A is a 4 megabit synchronous late write fast static RAM designed to provide high performance in secondary cache and ATM switch, Telecom, and other high speed memory applications. The MCM69R820A organized as 256K words by 18 bits, and the MCM69R738A organized as 128K words by 36 bits wide are fabricated in Motorola’s high performance silicon gate BiCMOS technology.

• Byte Write Control
• Single 3.3 V +10%, – 5% Operation
• 2.5 V I/O (VDDQ)
• Register to Register Synchronous Operation
• Asynchronous Output Enable
• Boundary Scan (JTAG) IEEE 1149.1 Compatible
• Differential Clock Inputs
• Optional x 18 or x 36 organization
• MCM69R738A/820A–5 = 5 ns
    MCM69R738A/820A–6 = 6 ns
    MCM69R738A/820A–7 = 7 ns
    MCM69R738A/820A–8 = 8 ns
• Sleep Mode Operation (ZZ Pin)
• 119 Bump, 50 mil (1.27 mm) Pitch, 14 mm x 22 mm Plastic Ball Grid Array (PBGA) Package




Similar Part No. - MCM69R738A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
4M Late Write 2.5 V I/O
MCM69R738CZP4 MOTOROLA-MCM69R738CZP4 Datasheet
511Kb / 20P
4M Late Write 2.5 V I/O
MCM69R738CZP4.4 MOTOROLA-MCM69R738CZP4.4 Datasheet
511Kb / 20P
4M Late Write 2.5 V I/O
MCM69R738CZP4.4R MOTOROLA-MCM69R738CZP4.4R Datasheet
511Kb / 20P
4M Late Write 2.5 V I/O
MCM69R738CZP4R MOTOROLA-MCM69R738CZP4R Datasheet
511Kb / 20P
4M Late Write 2.5 V I/O
More results


Similar Description - MCM69R738A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
4M Late Write HSTL
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
4M Late Write LVTTL
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
4M Late Write 2.5 V I/O
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
4M Late Write HSTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
4M Late Write LVTTL
logo
GSI Technology
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
logo
Motorola, Inc
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
4M Late Write HSTL
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
4M Late Write 2.5 V I/O
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com