Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF184R1 Datasheet (PDF) - Motorola, Inc

MRF184R1 Datasheet PDF - Motorola, Inc
Part # MRF184R1
Download  MRF184R1 Download
File Size   1015.53 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description N-Channel Enhancement-Mode Lateral MOSFETs

MRF184R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF184R1 Datasheet PDF - Motorola, Inc

Part # MRF184R1
Download  MRF184R1 Click to download

File Size   1015.53 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description N-Channel Enhancement-Mode Lateral MOSFETs

MRF184R1 Datasheet (HTML) - Motorola, Inc


MRF184R1 Product details

Designed for broadband commercial and industrial applications with frequencies to 1.0 GHz. The high gain and broadband performance of these devices make them ideal for large–signal, common source amplifier applications in 28 volt base station equipment.

• Guaranteed Performance @ 945 MHz, 28 Volts
   Output Power = 60 Watts
   Power Gain = 11.5 dB
   Efficiency = 53%
• Excellent Thermal Stability
• Characterized with Series Equivalent Large–Signal Impedance Parameters
• S–Parameter Characterization at High Bias Levels
• 100% Tested for Load Mismatch Stress at all Phase Angles with 5:1 VSWR @ 28 Vdc, 945 MHz, 60 Watts CW
• In Tape and Reel. 500 Units per 32 mm, 13 inch Reel.




Similar Part No. - MRF184R1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184S MOTOROLA-MRF184S Datasheet
194Kb / 9P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
More results


Similar Description - MRF184R1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
442Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S19140HR3 FREESCALE-MRF6S19140HR3 Datasheet
399Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300N FREESCALE-MRF6V2300N Datasheet
208Kb / 8P
N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S4125NR1 FREESCALE-MRF5S4125NR1 Datasheet
524Kb / 15P
N-Channel Enhancement-Mode Lateral MOSFETs
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
A2T18S160W31S NXP-A2T18S160W31S Datasheet
669Kb / 20P
N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 0, 5/2015
A2T27S020N NXP-A2T27S020N Datasheet
493Kb / 18P
N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 01/2018
AFT20P060-4NR3 NXP-AFT20P060-4NR3 Datasheet
557Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com