Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6267C Datasheet (PDF) - EIC discrete Semiconductors

1N6267C Datasheet PDF - EIC discrete Semiconductors
Part # 1N6267C
Download  1N6267C Download
File Size   80.28 Kbytes
Page   4 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR

1N6267C Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6267C Datasheet PDF - EIC discrete Semiconductors

Part # 1N6267C
Download  1N6267C Click to download

File Size   80.28 Kbytes
Page   4 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR

1N6267C Datasheet (HTML) - EIC discrete Semiconductors


1N6267C Product details

VBR : 6.8 - 200 Volts
PPK : 1500 Watts

FEATURES :
* 1500W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.)
* Typical IR less then 1mA above 10V




Similar Part No. - 1N6267C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6267C TRSYS-1N6267C Datasheet
251Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1N6267C TSC-1N6267C Datasheet
110Kb / 3P
Transient Voltage Suppressor Diodes
logo
List of Unclassifed Man...
1N6267C ETC1-1N6267C Datasheet
91Kb / 6P
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
DAESAN ELECTRONIC CORP.
1N6267C DAESAN-1N6267C Datasheet
1Mb / 6P
POWER 1500Watts VOLTAGE 6.8 to 440 Volts
1N6267C DAESAN-1N6267C Datasheet
1Mb / 5P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 1N6267C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50C EIC-SMBJ50C Datasheet
18Kb / 4P
BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
1N6267CL EIC-1N6267CL Datasheet
53Kb / 4P
BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
3KE13C EIC-3KE13C Datasheet
72Kb / 4P
BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
P6KE68CS EIC-P6KE68CS Datasheet
79Kb / 4P
BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Semikron International
P4SMA220 SEMIKRON-P4SMA220 Datasheet
373Kb / 2P
Bidirectional Transient Voltage Suppressor diodes
TGL41-520C SEMIKRON-TGL41-520C Datasheet
427Kb / 2P
Bidirectional Transient Voltage Suppressor diodes
logo
New Jersey Semi-Conduct...
SA5.0C NJSEMI-SA5.0C Datasheet
197Kb / 4P
BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P6SMB220 DIOTEC-P6SMB220_14 Datasheet
120Kb / 3P
bidirectional Transient Voltage Suppressor Diodes
P6SMBJ65 DIOTEC-P6SMBJ65_14 Datasheet
130Kb / 4P
bidirectional Transient Voltage Suppressor Diodes
logo
Shanghai Leiditech Elec...
1N6267CL LEIDITECH-1N6267CL Datasheet
236Kb / 4P
BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com