Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA2901V Datasheet (PDF) - Sanyo Semicon Device

LA2901V Datasheet PDF - Sanyo Semicon Device
Part # LA2901V
Download  LA2901V Download
File Size   59.03 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Four-Channel High-Output Line Amplifier for Car Audio Systems

LA2901V Datasheet (PDF)

Go To PDF Page Download Datasheet
LA2901V Datasheet PDF - Sanyo Semicon Device

Part # LA2901V
Download  LA2901V Click to download

File Size   59.03 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Four-Channel High-Output Line Amplifier for Car Audio Systems

LA2901V Datasheet (HTML) - Sanyo Semicon Device


LA2901V Product details



Overview

The LA2901V is a high output level 4-channel line amplifier designed for car audio systems. This line amplifier provides an output signal with a significantly higher amplitude than the output signal provided by earlier preamplifiers. This higher amplitude significantly improves the signal-to-noise ratio in the connection from the main unit to the external power amplifier, and results in improved power amplifier performance.



Functions and Features

• High output level (5.3 Vrms)

• Low output noise voltage (12 µV)

• Low total harmonic distortion (0.004%)

• High ripple rejection ratio (70 dB)

• Fewer external parts required

• Excellent audio fidelity




Similar Part No. - LA2901V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2900 SANYO-LA2900 Datasheet
40Kb / 5P
Two-Channel High-Output Line Amplifier for Car Audio Systems
LA2900M SANYO-LA2900M Datasheet
40Kb / 5P
Two-Channel High-Output Line Amplifier for Car Audio Systems
LA2902V SANYO-LA2902V Datasheet
62Kb / 5P
Four-Channel High-Output Line Amplifier for Car Audio Systems
logo
LIGITEK electronics co....
LA290B-G-PF LIGITEK-LA290B-G-PF Datasheet
120Kb / 6P
LED ARRAY
LA290B-H-PF LIGITEK-LA290B-H-PF Datasheet
120Kb / 6P
LED ARRAY
More results


Similar Description - LA2901V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2900M SANYO-LA2900M Datasheet
40Kb / 5P
Two-Channel High-Output Line Amplifier for Car Audio Systems
LA2902V SANYO-LA2902V Datasheet
62Kb / 5P
Four-Channel High-Output Line Amplifier for Car Audio Systems
LA47202P SANYO-LA47202P Datasheet
103Kb / 8P
Monolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems
LV47004P SANYO-LV47004P Datasheet
290Kb / 11P
For Car Audio Systems 4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
For Car Audio Systems 4-Channel BTL Power Amplifier
LV47017P SANYO-LV47017P Datasheet
278Kb / 11P
For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P_12 Datasheet
301Kb / 11P
For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47022P ONSEMI-LV47022P Datasheet
284Kb / 12P
4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LA47516 SANYO-LA47516 Datasheet
118Kb / 7P
Four-Channel 50W BTL Power Amplifier for Car Stereo Systems
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com